Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC9902 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # GC9902
Description  Schottky Barrier Diodes TM For Mixers and Detectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GC9902 Datasheet(HTML) 6 Page - Microsemi Corporation

  GC9902 Datasheet HTML 1Page - Microsemi Corporation GC9902 Datasheet HTML 2Page - Microsemi Corporation GC9902 Datasheet HTML 3Page - Microsemi Corporation GC9902 Datasheet HTML 4Page - Microsemi Corporation GC9902 Datasheet HTML 5Page - Microsemi Corporation GC9902 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
GC9901 – GC9944
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 6
Schottky Barrier Diodes
For Mixers and Detectors
TM
®
Copyright
 2006
Rev: 2009-01-19
RoHS Compliant
PACKAGE STYLE 129A
STYLE 174B
.
PACKAGE STYLE 129B
STYLE 174C
PACKAGE STYLE 129C
OR DERIN G INFO R M ATIO N
Package style and configuration should be included
when ordering 3 and 4 terminal products.
Format: partnum – pkg – config
For example:
-
Order a ring quad in a 128C package as:
GC9901-128C-QR1
-
Order a bridge quad in a 128C package as:
-
GC9901-128C-QB1
Consult Factory for assistance.
OTHER P A CK A G E STYLES A V A I L A BLE ON REQUEST



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com