Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC9982 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # GC9982
Description  Schottky Barrier Diodes TM Ultra High Drive Monolithic
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GC9982 Datasheet(HTML) 1 Page - Microsemi Corporation

  GC9982 Datasheet HTML 1Page - Microsemi Corporation GC9982 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GC9981 – GC9989
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
Schottky Barrier Diodes
Ultra High Drive Monolithic
TM
®
RoHS Compliant
Copyright
 2007
Rev: 2009-01-19
IMPORTANT:
For the most current data, consult our web site: www.microsemi.com
Specifications are subject to change, consult the factory for further information.
These devices are ESD sensitive and must be handled use using ESD precautions.
D E SCRI PTI ON
Microsemi’s Schottky Barrier devices are currently available in the eight
junction ring quad configuration. Devices are available in monolithic form for
hybrid applications as well as in hermetic or non-hermetic packages.
Monolithic devices are recommended for highest frequency, broadband
designs. The beamlead design eliminates the problems associated with wire
bonding very small junction devices thus improving reliability and
performance in MIC applications. Our in house epitaxy process capability
insures repeatability for lowest conversion loss through Ku Band. A broad
range of unique metallization schemes produce Microsemi’s complete line of
barrier heights. Diodes are available with barrier heights ranging from 600 mV
to 1300 mV per leg. By optimizing epitaxy and metallization, these devices
achieve lowest Rs-Cj products resulting in exceptional conversion loss
performance. “High Rel” screening is available on packaged devices per your
requirements.
This series of devices meets RoHS requirements per EU Directive
2002/95/EC.
APPLICATIONS/BENEFITS
RF Mixers
Double Balanced Mixers
High Speed Switching
Motion Detection
Phase Detectors
APPLICATIONS
Schottky Barrier diodes are suitable for a variety of circuit applications
ranging from double balanced RF mixers to high speed switching and
modulation. The monolithic beamlead design minimizes parasitic inductance
and capacitance insuring repeatable performance through Ka band. With
junction capacitances as low as 0.06 pF. Monolithic 8 junction quads are
ideally suited for broad band high drive mixers through 26.5 GHz.
Ultra-High barrier diodes, (GC9980 Series) are designed for applications
where high drive levels are available, such as, Doppler mixers or motion
detection. Microsemi also has Schottky diodes available in Ultra-Low,
Medium and High Drive levels to fit virtually any circuit requirement.
ABSOLUTE MAXIMUM RATINGS AT 25º C
(UNLESS OTHERWISE SPECIFIED)
Rating
Symbol
Value
Unit
Maximum Power Handling
P
100
mW
Storage Temperature
TSTG
-65 to +175
ºC
Operating Temperature
TOP
-65 to +150
ºC
KEY FEATURES
Monolithic Design for Lowest
Parasitics and Matched Junction
Characteristics
Low Noise Figure
Suitable for Applications to 26.5
GHz
Excellent Conversion Loss
Available High and Ultra-High
Barrier Heights
Can be Supplied as Monolithic
Devices for Hybrid Applications or
as Packaged Devices
RoHS Compliant
1
1 These devices are supplied with Gold
plated terminations. Consult factory for
details.


Similar Part No. - GC9982

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
GC9901 MICROSEMI-GC9901 Datasheet
215Kb / 6P
Schottky Barrier Diodes TM For Mixers and Detectors
GC9902 MICROSEMI-GC9902 Datasheet
215Kb / 6P
Schottky Barrier Diodes TM For Mixers and Detectors
GC9903 MICROSEMI-GC9903 Datasheet
215Kb / 6P
Schottky Barrier Diodes TM For Mixers and Detectors
GC9904 MICROSEMI-GC9904 Datasheet
215Kb / 6P
Schottky Barrier Diodes TM For Mixers and Detectors
GC9911 MICROSEMI-GC9911 Datasheet
215Kb / 6P
Schottky Barrier Diodes TM For Mixers and Detectors
More results

Similar Description - GC9982

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
GC9700 MICROSEMI-GC9700 Datasheet
130Kb / 2P
SCHOTTKY BARRIER DIODES General Purpose TM
GC9901 MICROSEMI-GC9901 Datasheet
215Kb / 6P
Schottky Barrier Diodes TM For Mixers and Detectors
MS8250-48 MICROSEMI-MS8250-48 Datasheet
140Kb / 2P
SCHOTTKY DIODES TM Silicon Low Barrier
logo
Semikron International
SBH1220 SEMIKRON-SBH1220 Datasheet
346Kb / 2P
High temperature schottky barrier diodes
SBH1820 SEMIKRON-SBH1820 Datasheet
357Kb / 2P
High temperature schottky barrier diodes
SBH3020 SEMIKRON-SBH3020 Datasheet
159Kb / 3P
High temperature schottky barrier diodes
SBH3020TL SEMIKRON-SBH3020TL Datasheet
320Kb / 2P
High temperature schottky barrier diodes
logo
Diotec Semiconductor
SB12H30 DIOTEC-SB12H30 Datasheet
103Kb / 2P
High temperature schottky barrier diodes
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com