Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC15008 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # GC15008
Description  TUNING DIODES Frequency Linear Tuning Varactors TM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GC15008 Datasheet(HTML) 2 Page - Microsemi Corporation

  GC15008 Datasheet HTML 1Page - Microsemi Corporation GC15008 Datasheet HTML 2Page - Microsemi Corporation GC15008 Datasheet HTML 3Page - Microsemi Corporation GC15008 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GC15001 – GC15013
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
TUNING DIODES
Frequency Linear Tuning Varactors
TM
®
RoHS Compliant
CHIP ELECTRICAL PARAMETERS @ 25C (unless otherwise specified)
Model Number
Vb(V)
IR=10μA
(Min)
Cj(pF)
1
@-4V
(+/-10%)
Cj(pF)
@-20V
(Typ)
Sensitivity
2
(Typ)
Tuning
Ratio
CJ0/CJ15
(Typ)
Tuning
Ratio
CJ0/CJ20
(Typ)
Q
3
(Typ)
GC15001-00
22
0.7
0.2
.08
8:1
- -
1400
GC15002-00
22
1.0
0.3
.08
8:1
- -
1300
GC15003-00
22
2.0
0.55
.08
8:1
- -
1200
GC15004-00
22
5.0
1.3
.08
8:1
- -
1100
GC15005-00
22
10.0
2.4
.08
8:1
- -
900
GC15014-00
22
22.0
6.9
.08
8:1
- -
600
GC15015-00
22
33.0
9.8
.08
8:1
- -
500
GC15016-00
22
48.0
14.0
.08
8:1
- -
400
GC15006-00
22
0.7
0.14
.11
- -
13:1
1200
GC15007-00
22
1.0
0.2
.11
- -
13:1
1000
GC15008-00
22
2.0
0.4
.11
- -
13:1
900
GC15009-00
22
5.0
0.9
.11
- -
13:1
800
GC15010-00
22
10.0
2.0
.11
- -
13:1
700
GC15011-00
22
22.0
4.1
.11
- -
13:1
500
GC15012-00
22
33.0
6.8
.11
- -
13:1
400
GC15013-00
22
48.0
10.0
.11
- -
13:1
200
NOTES:
1.
F = 1MHz. Other capacitance values are available; consult factory.
2.
Sensitivity series, S = .08; V = 15 volts.
Sensitivity series, S = . 11; V = 20 volts.
3.
V=4 V, 50 MHz
Typical Performance
1.5
2
2.5
3
3.5
3
6
9
1215
1821
Reverse Bias (V)
Copyright
 2006
Rev: 2008-12-08



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com