Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC84004 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # GC84004
Description  PASSIVE DEVICES MNS Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GC84004 Datasheet(HTML) 1 Page - Microsemi Corporation

  GC84004 Datasheet HTML 1Page - Microsemi Corporation GC84004 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GC84001 – GC84300
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
TM
®
Copyright
 2007
Rev: 2009-01-08
RoHS Compliant
PASSIVE DEVICES
MNS Capacitors
D E SCRI PTI ON
The GC84000 series are silicon chip capacitors and utilize silicon
nitride as the dielectric layer. These capacitors are preferred over
MOS devices because of their improved reliability and ruggedness. In
addition, they exhibit higher capacitance per unit area, resulting in
smaller size.
Because MNS capacitors are high Q devices, they have superior
insertion loss characteristics for high frequency applications as
compared with ceramic chip capacitors. They are used from UHF
through Ku-bands and exhibit less than 0.1 dB insertion loss over this
range.
The working voltage rating is 100 VDC (140 VDC, typical). Special
devices with breakdown ratings to 300 VDC and custom sizes are
available. Contact factory for details.
This series of devices meets RoHS requirements per EU Directive
2002/95/EC. The standard terminal finish is gold unless otherwise
specified. Consult the factory if you have special requirements.
APPLICATIONS/BENEFITS
 RF Bias Networks
 DC Block
 RF Bypass
 Capacitive Coupling
 Fixed Tuning Elements
APPLICATIONS
The GC84000 chip capacitors are used in RF circuits for DC blocks,
capacitive coupling and RF bypass. They are used for fixed
capacitive tuning of oscillators, multipliers or filter elements.
IMPORTANT: For the most current data, consult our website: www.MICROSEMI.com
Specifications are subject to change, consult the factory for further information.
These devices are ESD sensitive and must be handled using ESD precautions.
1 These devices are supplied with gold
plated terminations.
ABSOLUTE MAXIMUM RATINGS AT 25º C
(UNLESS OTHERWISE SPECIFIED)
Rating
Symbol
Value
Unit
Working Voltage
VR
100
Volts
Temperature Coeffecient of
Capacitance
TCC
190
ppm/ ºC
Storage Temperature
TSTG
-65 to +200
ºC
Operating Temperature
TOP
-55 to +150
ºC
KEY FEATURES
 Excellent Q
 Superior Insertion Loss
 Suitable for application to 18Ghz
 RoHS Compliant
1


Similar Part No. - GC84004

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
GC82R10BAB THINKING-GC82R10BAB Datasheet
173Kb / 5P
2-Electrode 8.0T8 mm High Voltage Type
GC82R10BAR THINKING-GC82R10BAR Datasheet
173Kb / 5P
2-Electrode 8.0T8 mm High Voltage Type
GC82R10BAT THINKING-GC82R10BAT Datasheet
173Kb / 5P
2-Electrode 8.0T8 mm High Voltage Type
GC82R10BNB THINKING-GC82R10BNB Datasheet
173Kb / 5P
2-Electrode 8.0T8 mm High Voltage Type
GC82R10BNR THINKING-GC82R10BNR Datasheet
173Kb / 5P
2-Electrode 8.0T8 mm High Voltage Type
More results

Similar Description - GC84004

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4M MACOM-MA4M Datasheet
40Kb / 4P
MNS Microwave Chip Capacitors
logo
Bourns Electronic Solut...
2FAL-M16R BOURNS-2FAL-M16R Datasheet
277Kb / 3P
Integrated Passive & Active Devices
2FAG-M12R BOURNS-2FAG-M12R Datasheet
276Kb / 3P
Integrated Passive & Active Devices
2FAF-M8R BOURNS-2FAF-M8R Datasheet
300Kb / 3P
Integrated Passive & Active Devices
2FAG-M12R BOURNS-2FAG-M12R_07 Datasheet
279Kb / 3P
Integrated Passive & Active Devices
logo
M/A-COM Technology Solu...
MA4M MA-COM-MA4M Datasheet
128Kb / 4P
MNS Microwave Chip Capacitors
logo
Microsemi Corporation
GC9001 MICROSEMI-GC9001 Datasheet
113Kb / 2P
PASSIVE DEVICES - Spiral Bias Elements
MPC8010 MICROSEMI-MPC8010 Datasheet
435Kb / 2P
PASSIVE DEVICES - MMSM� Capacitors
logo
M/A-COM Technology Solu...
MA4M_V4 MA-COM-MA4M_V4 Datasheet
140Kb / 4P
MNS Microwave Chip Capacitors
MA4MXXXX MA-COM-MA4MXXXX Datasheet
486Kb / 5P
MNS Microwave Chip Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com