Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GCX1209 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # GCX1209
Description  VARACTOR DIODES Surface Mount SOT23 Abrupt Junction TM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GCX1209 Datasheet(HTML) 2 Page - Microsemi Corporation

  GCX1209 Datasheet HTML 1Page - Microsemi Corporation GCX1209 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GCX1202 – GCX1217
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
Copyright
 2007
Rev: 2009-01-19
RoHS Compliant
VARACTOR DIODES
Surface Mount SOT23 Abrupt Junction
TM
®
SOT 23 Abrupt Varactors For Moderate Bandwidth / Low Noise VCOs
Notes
1.
Capacitance is measured at ƒ = 1 MHz
2.
Q is determined at VR = 4V, ƒ = 50 MHz by
fRsCj
2
/
1
ELECTRICAL PARAMETERS @ 25
C (unless otherwise specified)
MODEL
NUMBER
CT (pF)
1
VR = 4V
(+/- 10%)
Ratio
CT(0V) / CT(-30V)
(Min)
Q
2
VR=4V
(Min)
GCX1202 – 23
1.2
3.4
3200
GCX1203 – 23
1.5
3.5
3000
GCX1204 – 23
1.8
3.5
3000
GCX1205 – 23
2.2
3.7
3000
GCX1206 – 23
2.7
3.7
2500
GCX1207 – 23
3.3
3.8
2500
GCX1208 – 23
3.9
3.9
2500
GCX1209 – 23
4.7
3.9
2000
GCX1210 – 23
5.6
4.0
2000
GCX1211 – 23
6.8
4.0
2000
GCX1212 – 23
8.2
4.0
2000
GCX1213 – 23
10
4.1
1800
GCX1214 – 23
12
4.1
1600
GCX1215 – 23
15
4.2
1250
GCX1216 – 23
18
4.2
1000
GCX1217 – 23
22
4.2
850
PACKAGE STYLE 23-X
STANDARD CONFIGURATIONS
23-0
23-1
23-2
23-3
23-4
23-5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com