Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMP4202 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # GMP4202
Description  Surface Mount PIN & Limiter Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GMP4202 Datasheet(HTML) 1 Page - Microsemi Corporation

  GMP4202 Datasheet HTML 1Page - Microsemi Corporation GMP4202 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GMP4201-GML4701
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
TM
®
Copyright
 2007
Rev: 2009-01-22
RoHS Compliant
™
GigaMite
Surface Mount PIN & Limiter Diodes
IMPORTANT:
Specifications are subject to change.
For the most current data, consult our website
: www.MICROSEMI.com
These devices are ESD sensitive and must be handled using ESD precautions.
DESCRIPTION
This series of surface mount diodes are specifically design for high
volume surface mount applications. The GigaMite design is
optimized for improved electrical and thermal performance over
standard plastic package technology. The result is higher
frequency coverage and better power handling than comparable
plastic packages. Product parameters have been optimized for
broadband switching, attenuator and limiter applications.
The package parasitics provide smooth non-resonant functionality
through 5 GHz. Microsemi utilizes high quality dielectric materials
resulting in low loss and broadband performance.
This series of devices meets RoHS requirements per EU Directive
2002/95/EC.
APPLICATIONS
Microsemi Lowell offers a variety of PIN diodes in the GigaMite
package style. These products are well suited for microwave
switching and attenuator applications. They are ideal for WLAN and
WIMAX applications.
The GML4701 devices are designed for economical high
performance receiver protection through 5 GHz.
1 These devices are supplied with a
matte tin finish suitable for RoHS
compliant assembly.
ABSOLUTE MAXIMUM RATINGS AT 25º C
(UNLESS OTHERWISE SPECIFIED)
Rating
Symbol
Value
Unit
Maximum Leakage Current
@80% of Rated VB
GMP42XX
IR
500
nA
GML4701
IR
100
nA
Storage Temperature
TSTG
-55 to +125
ºC
Operating Temperature
TOP
-55 to +125
ºC
APPLICATIONS/BENEFITS
Antenna Switching for WIMAX and
WLAN
Economical RF and Microwave
Switching
Attenuators
Limiters
Broadband Performance
KEY FEATURES
Low Parasitics
LP = 0.5 nH Typical
CP = 0.07 pF Typical
Surface Mount design
Broadband Performance Through
5 Ghz
Available on Tape & Reel for
Automated Pick & Place Assembly
Small, SOD 323 Size Footprint
RoHS Compliant
1


Similar Part No. - GMP4202

ManufacturerPart #DatasheetDescription
logo
TT MOTOR (HK) INDUSTRIA...
GMP42-775PM TTMOTOR-GMP42-775PM Datasheet
369Kb / 1P
42mm planetary gearbox plus 775permanent magnet DC motor
GMP42-TEC4260 TTMOTOR-GMP42-TEC4260 Datasheet
2Mb / 1P
42mm planetary gearbox plus 42mm brushless motor
More results

Similar Description - GMP4202

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4L MACOM-MA4L Datasheet
205Kb / 3P
Limiter PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3822-TR1G AVAGO-HSMP-3822-TR1G Datasheet
142Kb / 10P
Surface Mount RF PIN Switch and Limiter Diodes
HSMP-3822-BLKG AVAGO-HSMP-3822-BLKG Datasheet
142Kb / 10P
Surface Mount RF PIN Switch and Limiter Diodes
logo
Broadcom Corporation.
HSMP-482B BOARDCOM-HSMP-482B Datasheet
142Kb / 10P
Surface Mount RF PIN Switch and Limiter Diodes
HSMP-3820 BOARDCOM-HSMP-3820 Datasheet
142Kb / 10P
Surface Mount RF PIN Switch and Limiter Diodes
HSMP-3822 BOARDCOM-HSMP-3822 Datasheet
142Kb / 10P
Surface Mount RF PIN Switch and Limiter Diodes
HSMP-3823 BOARDCOM-HSMP-3823 Datasheet
153Kb / 10P
Surface Mount RF PIN Switch and Limiter Diodes
HSMP-3824 BOARDCOM-HSMP-3824 Datasheet
142Kb / 10P
Surface Mount RF PIN Switch and Limiter Diodes
HSMP-4820 BOARDCOM-HSMP-4820 Datasheet
142Kb / 10P
Surface Mount RF PIN Switch and Limiter Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-382X AVAGO-HSMP-382X Datasheet
142Kb / 10P
Surface Mount RF PIN Switch and Limiter Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com