Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMP4232 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # GMP4232
Description  Surface Mount PIN & Limiter Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GMP4232 Datasheet(HTML) 2 Page - Microsemi Corporation

  GMP4232 Datasheet HTML 1Page - Microsemi Corporation GMP4232 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GMP4201-GML4701
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
TM
®
Copyright
 2007
Rev: 2009-01-22
RoHS Compliant
™
GigaMite
Surface Mount PIN & Limiter Diodes
Surface Mount PIN Diodes
DEVICE ELECTRICAL PARAMETERS @ 25
C (unless otherwise specified)
Model Number
VB (V)
IR=10μA
(Min)
CT(pF)
1
VR=10V
(Max)
CT(pF)
1
VR=50V
(Max)
RS(Ω)
2
IF=1mA
(Typ)
RS(Ω)
2
IF=20mA
(Max)
RS(Ω)
2
IF=100mA
(Max)
TL(nS)
(Typ)
Θ (˚C/W) (Typ)
THERMAL
IMPEDANCE
GMP4201-GM1
75
0.18
-
2.3
1.2
-
100
50
GMP4202-GM1
75
0.28
-
1.8
1.0
-
150
50
GMP4211-GM1
100
0.18
-
5.5
2.4
-
250
50
GMP4212-GM1
100
0.28
-
4.2
1.8
-
300
40
GMP4215-GM1
100
0.60
-
1.0
0.5
-
400
40
GMP4235-GM1
250
0.60
-
2.5
0.8
-
500
35
GMP4232-GM1
300
-
0.35
2.5
-
1.4
1000
25
Surface Mount Limiter Diodes
DEVICE ELECTRICAL PARAMETERS @ 25
C (unless otherwise specified)
Model Number
VB (V)
IR=10μA
(Min)
CT(pF)
1
VR=10V
(Max)
RS(Ω)
3
IF=10mA
(Max)
PIN(dBm)
Peak Power
(1uS PW)
POUT(dBm)
Leakage Power
(Typ)
PT(dBm)
Threshold
(Typ)
Θ (˚C/W)
THERMAL MPEDANCE
(Typ)
GML4701-GM1
20
0.40
2.5
+50
+22
+10
70
Notes
1.
Capacitance is measured at f = 1 MHz.
2.
Series Resistance RS is measured at f=100MHz
3.
Series Resistance RS is measured at f=1GHz
PACKAGE STYLE GM1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com