Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP5100 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP5100
Description  1.2A Step-Down Converter with 1.4MHz Switching Frequency
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5100 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP5100 Datasheet HTML 1Page - Diodes Incorporated AP5100 Datasheet HTML 2Page - Diodes Incorporated AP5100 Datasheet HTML 3Page - Diodes Incorporated AP5100 Datasheet HTML 4Page - Diodes Incorporated AP5100 Datasheet HTML 5Page - Diodes Incorporated AP5100 Datasheet HTML 6Page - Diodes Incorporated AP5100 Datasheet HTML 7Page - Diodes Incorporated AP5100 Datasheet HTML 8Page - Diodes Incorporated AP5100 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AP5100
1.2A Step-Down Converter with 1.4MHz Switching
Frequency
AP5100
2 of 12
MARCH 2010
Document number: DS32130 Rev. 1 - 2
www.diodes.com
© Diodes Incorporated
Typical Applications
(Continued)
BST
SW
FB
IN
EN
C2
22µF
6.3V
R3
100kohm
AP5100
R1
49.9kohm
R2
16.2kohm
D1
B230A
GND
VIN
VOUT
3.3V
C3
22nF
3.3µH
C1
10µF
25V
ON
OFF
C6
100pF
5
4
1
6
3
L1
Figure 2.
1.4MHz, 3.3V Output at 1A Step-Down Converter
BST
SW
FB
IN
EN
C2
10µF
16V
R3
100Kohm
AP5100
R2
40 ohm
1%
1N5819HW-7
GND
VIN
C3
10nF
L1
10µH
C1
10µF
25V
ON
OFF
5
4
1
6
3
6V -12V
-Vout
-Vout
-Vout
-Vout
LED1
LED 2
LED 3
R4
200Kohm
1%
D1
Figure 3.
White LED Driver Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com