Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KV1801 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # KV1801
Description  VARACTOR DIODES HF/VHF Super Hyperabrupt Junction TM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

KV1801 Datasheet(HTML) 2 Page - Microsemi Corporation

  KV1801 Datasheet HTML 1Page - Microsemi Corporation KV1801 Datasheet HTML 2Page - Microsemi Corporation KV1801 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KV1401 – KV1801
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
Copyright
 2007
Rev: 2009-01-19
RoHS Compliant
VARACTOR DIODES
HF/VHF Super Hyperabrupt Junction
TM
®
ELECTRICAL PARAMETERS @ 25
C (unless otherwise specified)
CT (pF)
ƒ = 1 MHz
Min / Typ / Max
TUNING
RATIO
Min/Typ/Max
Q
Min/Typ
IR
Typ / Max
MODEL
NUMBER
VR = 1.25V
VR = 2V
VR = 7
VR = 10
C(-1.25V)
/ C(-7V)
C(-2V) /
C(-10V)
VR =1.25V
ƒ = 1MHz
VR =2V
ƒ = 10MHz
VR =10V
(nA)
KV1401
-- / 81.5 / --
46 / 57 / 68
-- / 6.1 / --
4.2/4.7/5.2
-- / 13 / --
10 / 12 / 17
75 / 140
10 / 50
KV1501
-- / 180 / --
100 / 125 / 150
-- / 13 / --
8.6/9.6/10.6
-- / 14 / --
10 / 13 / 17.5
50 / 130
10 / 50
KV1601
-- / 255 / --
140 / 175 / 210
-- / 18.5 / --
12.6/14.0/15.4
-- / 14 / --
10 / 12.5 / 17
50 / 120
10 / 50
KV1701
-- / 325 / --
180 / 225 / 270
-- / 24 / --
16.2/18.0/19.8
-- / 14 / --
10 / 12.5 / 17
50 / 115
10 / 50
KV1801
450 / 500 / 550
-- / 350 / --
30.5 / 35 /37.5
- /26.5/ -
12 / 14 / 18
-- / 13 / --
30 / 70
10 / 50
C-V CURVES
C-V (UHF HYPERABRUPT)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com