Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KVX2201 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # KVX2201
Description  SURFACE MOUNT VARACTOR DIODES Wide Bandwidth SOT-23 Hyperabrupt TM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

KVX2201 Datasheet(HTML) 1 Page - Microsemi Corporation

  KVX2201 Datasheet HTML 1Page - Microsemi Corporation KVX2201 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KVX2001 – KVX3901A
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
SURFACE MOUNT VARACTOR DIODES
Wide Bandwidth SOT-23 Hyperabrupt
TM
®
RoHS Compliant
Copy
Rev: 2009-02-02
right
 2007
DESCRIPTION
These families of high ratio hyperabrupt varactor diodes employ high
energy ion implantation and grown junction epitaxy to provide highly
repeatable C / V functions and the highest Q values available in the
industry. The economical SOT-23 package allows these devices to be
used in a wide range of VHF-UHF and wireless microwave designs. All
are available in single die 23-0 configuration (see configuration sheet).
Other configurations are available - consult factory for availability.
This series of diodes meets RoHS requirements per EU Directive
2002/95/EC. Consult the factory for details.
APPLICATIONS
These devices are ideal for wide bandwidth linear VCO’s from VHF
through 1500 MHz. They are especially well suited for economy
applications that demand ruggedness and repeatability. Straight line
frequency Vs. Voltage functions are realized across mid voltage ranges.
They can also be used in voltage variable filter and phase shifting
applications which demand higher peak voltage handling and lower
distortion by selecting back to back configurations. Consult factory for
availability.
ABSOLUTE MAXIMUM RATINGS AT 25º C
(UNLESS OTHERWISE SPECIFIED)
Rating
Symbol
Value
Unit
Maximum Working Voltage (KVX3xxx)
VR
27
Maximum Working Voltage (KVX2xxx)
VR
22
V
Maximum Leakage Current @ 80% of
Rated VB
IR
50
nA
Forward Voltage @ 50mA
VF
1.0
V
Thermal Coefficient of Capacitance @4 Volts
TCC
300
ppm/ ºC
Storage Temperature
TSTG
-55 to +125
ºC
Operating Temperature
TOP
-55 to +125
ºC
KEY FEATURES
 Silicon Mesa Geometry
 High Reliability Dense SiO2
Passivation
 Widest Tuning Ratios
 Highest Q Available
 Excellent Wide Band Linearity
 Mil Spec Performance/Economy
Price
 RoHS Compliant
1
 Available on Tape & Reel for
Automated Assembly
APPLICATIONS/BENEFITS
 High Linearity VCOs
 PLL VCOs
 Octave Bandwidth VCOs
 VVFs
Low
Noise VCO.s
Shifters
IMPORTANT: For the most current data, consult our website: www.MICROSEMI.com
Specifications are subject to change. Consult factory for the latest information
.
These devices are ESD sensitive and must be handled using ESD precautions.
1 Unless otherwise specified, these products
are supplied with matte Tin terminations
suitable for RoHS compliant assembly.


Similar Part No. - KVX2201

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
KVX01S473K0T001 CDE-KVX01S473K0T001 Datasheet
142Kb / 4P
Hifh-Voltage and Pulse, Mica-Paper/Polymer Capacitors
KVX05C471E0M CDE-KVX05C471E0M Datasheet
142Kb / 4P
Hifh-Voltage and Pulse, Mica-Paper/Polymer Capacitors
KVX05C471E0T CDE-KVX05C471E0T Datasheet
142Kb / 4P
Hifh-Voltage and Pulse, Mica-Paper/Polymer Capacitors
KVX05C471E1M CDE-KVX05C471E1M Datasheet
142Kb / 4P
Hifh-Voltage and Pulse, Mica-Paper/Polymer Capacitors
KVX05C471E1T CDE-KVX05C471E1T Datasheet
142Kb / 4P
Hifh-Voltage and Pulse, Mica-Paper/Polymer Capacitors
More results

Similar Description - KVX2201

ManufacturerPart #DatasheetDescription
logo
Knox Semiconductor, Inc
SMV2042 KNOX-SMV2042 Datasheet
36Kb / 1P
Surface Mount 2042 / 2041 SERIES Varactor HYPERABRUPT TUNING DIODES
SMV2043 KNOX-SMV2043 Datasheet
35Kb / 1P
Surface Mount Varactor 2043 SERIES HYPERABRUPT TUNING DIODES
logo
Microsemi Corporation
GCX1202 MICROSEMI-GCX1202 Datasheet
97Kb / 2P
VARACTOR DIODES Surface Mount SOT23 Abrupt Junction TM
KV1401 MICROSEMI-KV1401 Datasheet
129Kb / 3P
VARACTOR DIODES HF/VHF Super Hyperabrupt Junction TM
MV30011 MICROSEMI-MV30011 Datasheet
189Kb / 4P
GaAs Varactor Diodes Hyperabrupt
logo
M/A-COM Technology Solu...
MAVR-0003 MA-COM-MAVR-0003_15 Datasheet
748Kb / 5P
Varactor Diodes, Si Hyperabrupt Low-Voltage / Wide Band
logo
Skyworks Solutions Inc.
SMV2025 SKYWORKS-SMV2025 Datasheet
593Kb / 7P
Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
SMV2026 SKYWORKS-SMV2026 Datasheet
596Kb / 7P
Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
logo
M/A-COM Technology Solu...
MGV100-X MA-COM-MGV100-X Datasheet
506Kb / 5P
GaAs Hyperabrupt Varactor Diodes
MGV125-X MA-COM-MGV125-X Datasheet
500Kb / 5P
GaAs Hyperabrupt Varactor Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com