Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4261 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N4261
Description  PNP SMALL SIGNAL SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N4261 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N4261 Datasheet HTML 1Page - Microsemi Corporation 2N4261 Datasheet HTML 2Page - Microsemi Corporation 2N4261 Datasheet HTML 3Page - Microsemi Corporation 2N4261 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
PNP SMALL SIGNAL SILICON TRANSISTOR
Qualified per MIL-PRF-19500/511
T4-LDS-0150 Rev. 1 (092064)
Page 2 of 4
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
(4)
Forward-Current Transfer Ratio
IC = 1.0mAdc, VCE = 1Vdc
25
IC = 10mAdc, VCE = 1Vdc
30
150
IC = 30mAdc, VCE = 1Vdc
20
hFE
Collector-Emitter Saturation Voltage
IC = 1mAdc, IB = 0.1mAdc
IC = 10mAdc, IB = 1.0mAdc
VCE(sat)
0.15
0.35
Vdc
Base-Emitter Saturation Voltage (Non-Saturated)
VCE = 1Vdc, IC = 1mAdc
VCE = 1Vdc, IC = 10mAdc
VBE
0.6
0.80
1.0
Vdc
DYNAMIC CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Magnitude of Small–Signal Forward Current Transfer Ratio
IC = 10mAdc, VCE = 10Vdc, f = 100MHz
|hfe|
20
Output Capacitance
VCB = 4Vdc, IE = 0, 100kHz ≤ f ≤ 1.0MHz
Cobo
2.5
pF
Input Capacitance
VEB = 0.5Vdc, IC = 0, 100kHz ≤ f ≤ 1.0MHz
Cibo
2.5
pF
SWITCHING CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Turn-On Time
VCC = 17Vdc; IC = 10mAdc
ton
2.5
ηs
Turn-Off Time
VCC = 17Vdc; IC = 10mAdc
toff
3.5
ηs
(4) Pulse Test: Pulse Width = 300
μs, Duty Cycle ≤ 2.0%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com