Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5013 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N5013
Description  NPN SILICON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N5013 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N5013 Datasheet HTML 1Page - Microsemi Corporation 2N5013 Datasheet HTML 2Page - Microsemi Corporation 2N5013 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
NPN SILICON TRANSISTOR
Qualified per MIL-PRF-19500/727
T4-LDS-0067 Rev. 1 (082021)
Page 2 of 3
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Collector to Base Cutoff Current
VCB = 400V
VCB = 500V
VCB = 580V
VCB = 650V
VCB = 700V
VCB = 760V
2N5010
2N5011
2N5012
2N5013
2N5014
2N5015
ICBO1
10
10
10
10
10
10
nAdc
nAdc
nAdc
nAdc
nAdc
nAdc
@ TA = +150°C
VCB = 400V
VCB = 500V
VCB = 588V
VCB = 650V
VCB = 700V
VCB = 760V
2N5010
2N5011
2N5012
2N5013
2N5014
2N5015
ICBO2
10
10
10
10
10
10
uAdc
uAdc
uAdc
uAdc
uAdc
uAdc
Emitter to Base Cutoff Current
VEB = 4V
IEBO
20
uAdc
Collector to Base Breakdown Voltage
IC = 0.1mAdc
IC = 0.1mAdc
IC = 0.1mAdc
IC = 0.2mAdc
IC = 0.2mAdc
IC = 0.2mAdc
2N5010
2N5011
2N5012
2N5013
2N5014
2N5015
V(BR)CBO
500
600
700
800
900
1000
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Emitter to Base Breakdown Voltage
IC = 0mA
IE = 0.05mA
V(BR)EBO
5
Vdc
Collector to Emitter Breakdown Voltage
RBE = 1KΩ
IC = 0.2mA, Pulsed
2N5010
2N5011
2N5012
2N5013
2N5014
2N5015
V(BR)CER
500
600
700
800
900
1000
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Forward-Current Transfer Ratio
IC = 25mA
IC = 20mA
VCE = 10V
2N5010, 2N5011, 2N5012
2N5013, 2N5014, 2N5015
hFE1
30
30
180
180
VCE = 10V
IC = 5mA
hFE2
10
VCE = 10V
IC = 20mA
@ TA = -55°C
hFE3
10



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com