Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCLK944BCPZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADCLK944BCPZ-R2
Description  2.5 V/3.3 V, Four LVPECL Outputs, SiGe Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK944BCPZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADCLK944BCPZ-R2 Datasheet HTML 4Page - Analog Devices ADCLK944BCPZ-R2 Datasheet HTML 5Page - Analog Devices ADCLK944BCPZ-R2 Datasheet HTML 6Page - Analog Devices ADCLK944BCPZ-R2 Datasheet HTML 7Page - Analog Devices ADCLK944BCPZ-R2 Datasheet HTML 8Page - Analog Devices ADCLK944BCPZ-R2 Datasheet HTML 9Page - Analog Devices ADCLK944BCPZ-R2 Datasheet HTML 10Page - Analog Devices ADCLK944BCPZ-R2 Datasheet HTML 11Page - Analog Devices ADCLK944BCPZ-R2 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADCLK944
Rev. 0 | Page 11 of 12
INPUT TERMINATION OPTIONS
VREF
VCC
VT
CLK
CLK
VREF
VT
CONNECT VT TO VCC.
50
Ω
50
Ω
Figure 18. Interfacing to CML Inputs
VREF
VT
CONNECT VT TO VCC − 2V.
VCC – 2V
50
Ω
50
Ω
CLK
CLK
Figure 19. Interfacing to PECL Inputs
CONNECT VT TO VREF.
50
Ω
50
Ω
CLK
CLK
VREF
VT
Figure 20. AC Coupling Differential Signal Inputs, Such as LVDS
CONNECT VT, VREF, AND CLK TOGETHER.
PLACE A BYPASS CAPACITOR FROM VT TO
GROUND.
ALTERNATIVELY, VT, VREF, AND CLK CAN BE
CONNECTED TOGETHER, GIVING A CLEANE
LAY
50
Ω
50
Ω
CLK
CLK
R
OUT AND A 180° PHASE SHIFT.
Figure 21. Interfacing to AC-Coupled, Single-Ended Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com