Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSX301 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LSX301
Description  SURFACE MOUNT SOT-23 General Purpose Schottky Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LSX301 Datasheet(HTML) 2 Page - Microsemi Corporation

  LSX301 Datasheet HTML 1Page - Microsemi Corporation LSX301 Datasheet HTML 2Page - Microsemi Corporation LSX301 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LSX101-LSX701
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
TM
®
Copyright
 2007
Rev: 2009-01-19
RoHS Compliant
SURFACE MOUNT SOT-23
General Purpose Schottky Diodes
Note 1: Capacitance is measured at ƒ = 1 MHz.
DEVICE ELECTRICAL PARAMETERS @ 25
C (unless otherwise specified)
PN – Configuration
VB
@IR=10μA
(V)
(Min)
VB
@IR=100uA
(V)
(Min)
IR@VR
(nA)
(Max)
@VR(V)
VF(mV)
@IF = 1mA
CT(pF)
1
@0V
(Max)
RD(Ω)
@IF=5mA
(Typ)
LSX101
23-0
23-1
23-2
23-3
23-4
23-5
8.0
100
@1.0V
250 - 350
1.0
10
LSX201
23-0
23-2
3.0
400
@1.0V
250 - 350
0.30
14
LSX301
23-0
23-1
23-2
23-3
23-4
20
200
@15.0V
300 - 430
1.4
15
LSX701
23-0
70
200
@50.0V
300 - 430
2.0
32
PACKAGE STYLE 23
CONFIGURATIONS
23-0
23-1
23-2
23-3
23-4
23-5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com