Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSX701 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LSX701
Description  SURFACE MOUNT SOT-23 General Purpose Schottky Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LSX701 Datasheet(HTML) 1 Page - Microsemi Corporation

  LSX701 Datasheet HTML 1Page - Microsemi Corporation LSX701 Datasheet HTML 2Page - Microsemi Corporation LSX701 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LSX101-LSX701
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
TM
®
Copyright
 2007
Rev: 2009-01-19
RoHS Compliant
SURFACE MOUNT SOT-23
General Purpose Schottky Diodes
DESCRIPTION
Mil spec quality Schottky barrier devices are available in
economical SOT23 plastic packages. Priced for high volume
commercial applications, these devices provide state-of-the-art
electrical performance, ideal for use as detectors, mixers, in
up/down converters or in sampling phase detectors. When
ordering, specify configuration - see configuration table for internal
wiring diagrams. Other configurations are available - some
limitations apply. Consult factory for availability. The LSX series of
diodes are the RoHS compliant versions of the LSS series. The
LSX series supersedes the LSS version.
This LSX series of devices meets RoHS requirements per EU
Directive 2002/95/EC.
APPLICATIONS/BENEFITS
Mixers
Detectors
Limiters
Sampling
Wave Shaping
APPLICATIONS
Microsemi offers a variety of Schottky Barrier diodes in the SOT-23
package style. These products are well suited for mixer and
detector applications, as well as for sampling, limiter and wave
shaping circuits. Available on tape & reel, these products are ideal
for high volume applications.
IMPORTANT: For the most current data, consult our website: www.MICROSEMI.com
Specifications subject to change. Consult factory for latest information.
These devices are ESD sensitive and must be handled using ESD precautions.
1 These devices are supplied with a
matte tin finish suitable for RoHS
compliant assembly.
ABSOLUTE MAXIMUM RATINGS AT 25º C
(UNLESS OTHERWISE SPECIFIED)
Rating
Symbol
Value
Unit
Power Dissipation (De-rated
linearly to 0 at TJ (max)
PD
250
mW
Storage Temperature
TSTG
-55 to +125
ºC
Operating Temperature
TOP
-55 to +125
ºC
Forward Current (1us Pulse)
IF
1.0
A
KEY FEATURES
Standard SOT-23 Package
Outline
Surface Mount design
Wide Selecting of Values and
Configurations
Available on Tape & Reel for
Automated Pick & Place Assembly
Excellent Conversion Loss
RoHS Compliant
1


Similar Part No. - LSX701

ManufacturerPart #DatasheetDescription
logo
CommScope Inc.
LSX-170000 COMMSCOPE-LSX-170000 Datasheet
151Kb / 1P
LSX Fiber Termination Panel, 24 SC/APC, singlemode, 1RU, 19 in, putty white
March 26, 2018
logo
Banner Engineering Corp...
LSX36 BANNER-LSX36 Datasheet
337Kb / 6P
LX Series Part-Sensing Light Curtain
09-Jul-25 Rev. I
logo
Honeywell Solid State E...
LSXA3K HONEYWELL-LSXA3K Datasheet
433Kb / 9P
Intersctive Catalog Supplements Catalog PDFs
logo
Taiyo Yuden (U.S.A.), I...
LSXBH10050HL100M TAIYO-YUDEN-LSXBH10050HL100M Datasheet
301Kb / 2P
Wire-wound Ferrite Power Inductors LSXBH10050 for General Electronic Equipment
2023.01.31
LSXBH10050HL101M TAIYO-YUDEN-LSXBH10050HL101M Datasheet
237Kb / 2P
Wire-wound Ferrite Power Inductors LSXBH10050 for General Electronic Equipment
More results

Similar Description - LSX701

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
BZX84C JGD-BZX84C Datasheet
100Kb / 1P
SURFACE MOUNT ZENER DIODES/SOT-23
MMBZ52 JGD-MMBZ52 Datasheet
96Kb / 1P
SURFACE MOUNT ZENER DIODES/SOT-23
logo
SunLED Corporation
ZVG48WA SUNLED-ZVG48WA Datasheet
189Kb / 4P
SOT-23 SURFACE MOUNT LED LAMP
logo
RFE international
LL4148 RFE-LL4148 Datasheet
77Kb / 1P
SURFACE MOUNT: Switching Diodes MELF & SOT-23
logo
Microsemi Corporation
KVX2001 MICROSEMI-KVX2001 Datasheet
109Kb / 2P
SURFACE MOUNT VARACTOR DIODES Wide Bandwidth SOT-23 Hyperabrupt TM
LXZ1000 MICROSEMI-LXZ1000 Datasheet
134Kb / 2P
SURFACE MOUNT SOT-23 Zero Bias (ZBD) Schottky Diodes
logo
Rectron Semiconductor
BAS40 RECTRON-BAS40 Datasheet
115Kb / 3P
SOT-23 SCHOTTKY DIODES
BAS70 RECTRON-BAS70 Datasheet
154Kb / 3P
SOT-23 SURFACE MOUNT SCHOTTKY DIODE
logo
Skyworks Solutions Inc.
SMS3922 SKYWORKS-SMS3922 Datasheet
1Mb / 12P
Surface Mount General Purpose Schottky Diodes
logo
HK TO-GRACE TECHNOLOGY ...
AM23CGCK-F TO-GRACE-AM23CGCK-F Datasheet
828Kb / 4P
SOT-23 Surface Mount LED Lamp
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com