Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1871ARMZ-0.3-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADP1871ARMZ-0.3-R7
Description  Synchronous Buck Controller with Constant On-Time and Valley Current Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1871ARMZ-0.3-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADP1871ARMZ-0.3-R7 Datasheet HTML 33Page - Analog Devices ADP1871ARMZ-0.3-R7 Datasheet HTML 34Page - Analog Devices ADP1871ARMZ-0.3-R7 Datasheet HTML 35Page - Analog Devices ADP1871ARMZ-0.3-R7 Datasheet HTML 36Page - Analog Devices ADP1871ARMZ-0.3-R7 Datasheet HTML 37Page - Analog Devices ADP1871ARMZ-0.3-R7 Datasheet HTML 38Page - Analog Devices ADP1871ARMZ-0.3-R7 Datasheet HTML 39Page - Analog Devices ADP1871ARMZ-0.3-R7 Datasheet HTML 40Page - Analog Devices ADP1871ARMZ-0.3-R7 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
ADP1870/ADP1871
Rev. 0 | Page 37 of 44
BOTTOM RESISTOR
TAP TO THE ANALOG
GROUND PLANE
PGND SENSE TAP FROM
NEGATIVE TERMINALS OF
OUTPUT BULK CAPACITORS.
THIS TRACK PLACEMENT
SHOULD BE DIRECTLY
BELOW THE VOUT SENSE
LINE FROM FIGURE 84.
Figure 88. Layer 4 (Bottom Layer) of Evaluation Board
IC SECTION (LEFT SIDE OF EVALUATION BOARD)
A dedicated plane for the analog ground plane (GND) should
be separate from the main power ground plane (PGND). With
the shortest path possible, connect the analog ground plane to
the GND pin (Pin 4). This plane should be on only the top layer
of the evaluation board. To avoid crosstalk interference, there
should not be any other voltage or current pathway directly
below this plane on Layer 2, Layer 3, or Layer 4. Connect the
negative terminals of all sensitive analog components to the
analog ground plane. Examples of such sensitive analog com-
ponents include the resistor divider’s bottom resistor, the high
frequency bypass capacitor for biasing (0.1 μF), and the
compensation network.
Mount a 1 μF bypass capacitor directly across the VREG pin
(Pin 5) and the PGND pin (Pin 7). In addition, a 0.1 μF should
be tied across the VREG pin (Pin 5) and the GND pin (Pin 4).
POWER SECTION
As shown in Figure 85, an appropriate configuration to localize
large current transfer from the high voltage input (VIN) to the
output (VOUT) and then back to the power ground is to put the
VIN plane on the left, the output plane on the right, and the main
power ground plane in between the two. Current transfers from
the input capacitors to the output capacitors, through Q1/Q2,
during the on state (see Figure 89). The direction of this current
(yellow arrow) is maintained as Q1/Q2 turns off and Q3/Q4
turns on. When Q3/Q4 turns on, the current direction continues to
be maintained (red arrow) as it circles from the bulk capacitor’s
power ground terminal to the output capacitors, through the
Q3/Q4. Arranging the power planes in this manner minimizes
the area in which changes in flux occur if the current through
Q1/Q2 stops abruptly. Sudden changes in flux, usually at source
terminals of Q1/Q2 and drain terminal of Q3/Q4, cause large
dV/dt’s at the SW node.
The SW node is near the top of the evaluation board. The SW
node should use the least amount of area possible and be away
from any sensitive analog circuitry and components because
this is where most sudden changes in flux density occur. When
possible, replicate this pad onto Layer 2 and Layer 3 for thermal
relief and eliminate any other voltage and current pathways directly
beneath the SW node plane. Populate the SW node plane with
vias, mainly around the exposed pad of the inductor terminal
and around the perimeter of the source of Q1/Q2 and the drain
of Q3/Q4. The output voltage power plane (VOUT) is at the right-
most end of the evaluation board. This plane should be replicated,
descending down to multiple layers with vias surrounding the
inductor terminal and the positive terminals of the output bulk
capacitors. Ensure that the negative terminals of the output
capacitors are placed close to the main power ground (PGND),
as previously mentioned. All of these points form a tight circle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com