Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1871ARMZ-1.0-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1871ARMZ-1.0-R7
Description  Synchronous Buck Controller with Constant On-Time and Valley Current Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1871ARMZ-1.0-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP1871ARMZ-1.0-R7 Datasheet HTML 1Page - Analog Devices ADP1871ARMZ-1.0-R7 Datasheet HTML 2Page - Analog Devices ADP1871ARMZ-1.0-R7 Datasheet HTML 3Page - Analog Devices ADP1871ARMZ-1.0-R7 Datasheet HTML 4Page - Analog Devices ADP1871ARMZ-1.0-R7 Datasheet HTML 5Page - Analog Devices ADP1871ARMZ-1.0-R7 Datasheet HTML 6Page - Analog Devices ADP1871ARMZ-1.0-R7 Datasheet HTML 7Page - Analog Devices ADP1871ARMZ-1.0-R7 Datasheet HTML 8Page - Analog Devices ADP1871ARMZ-1.0-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Synchronous Buck Controller with
Constant On-Time and Valley Current Mode
ADP1870/ADP1871
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
Power input voltage range: 2.95 V to 20 V
On-board bias regulator
Minimum output voltage: 0.6 V
0.6 V reference voltage with ±1.0% accuracy
Supports all N-channel MOSFET power stages
Available in 300 kHz, 600 kHz, and 1.0 MHz options
No current-sense resistor required
Power saving mode (PSM) for light loads (ADP1871 only)
Resistor-programmable current-sense gain
Thermal overload protection
Short-circuit protection
Precision enable input
Integrated bootstrap diode for high-side drive
Starts into a precharged load
Small, 10-lead MSOP package
APPLICATIONS
Telecom and networking systems
Mid to high end servers
Set-top boxes
DSP core power supplies
GENERAL DESCRIPTION
The ADP1870/ADP1871 are versatile current-mode, synchronous
step-down controllers that provide superior transient response,
optimal stability, and current-limit protection by using a constant
on-time, pseudo-fixed frequency with a programmable current-
limit, current-control scheme. In addition, these devices offer
optimum performance at low duty cycles by utilizing valley
current-mode control architecture. This allows the ADP1870/
ADP1871 to drive all N-channel power stages to regulate output
voltages as low as 0.6 V.
The ADP1871 is the power saving mode (PSM) version of the
device and is capable of pulse skipping to maintain output
regulation while achieving improved system efficiency at light
loads (see the Power Saving Mode (PSM) Version (ADP1871)
section for more information).
Available in three frequency options (300 kHz, 600 kHz, and
1.0 MHz, plus the PSM option), the ADP1870/ADP1871 are well
suited for a wide range of applications that require a single-input
power supply range from 2.95 V to 20 V. Low voltage biasing is
supplied via a 5 V internal LDO.
TYPICAL APPLICATIONS CIRCUIT
COMP/EN BST
FB
DRVH
GND
SW
VREG
DRVL
PGND
VIN
CC
CVREG
CVREG2
CC2
RC
RBOT
RTOP
VOUT
Q1
Q2
RRES
L
COUT
VOUT
CBST
LOAD
CIN
VIN = 2.95V TO 20V
ADP1870/
ADP1871
Figure 1.
100
95
90
85
80
75
70
65
60
55
50
45
40
35
30
25
10
100
1k
10k
100k
LOAD CURRENT (mA)
TA = 25°C
VOUT = 1.8V
fSW = 300kHz
WÜRTH INDUCTOR:
744325120, L = 1.2µH, DCR = 1.8m
Ω
INFINEON FETs:
BSC042N03MS G (UPPER/LOWER)
VIN = 5V (PSM)
VIN = 13V (PSM)
VIN = 16.5V (PSM)
VIN = 13V
VIN = 16.5V
Figure 2. Efficiency vs. Load Current (VOUT = 1.8 V, 300 kHz)
In addition, an internally fixed soft start period is included to limit
input in-rush current from the input supply during startup and
to provide reverse current protection during soft start for a pre-
charged output. The low-side current-sense, current-gain scheme
and integration of a boost diode, along with the PSM/forced pulse-
width modulation (PWM) option, reduce the external part count
and improve efficiency.
The ADP1870/ADP1871 operate over the −40°C to +125°C
junction temperature range and are available in a 10-lead MSOP
package.


Similar Part No. - ADP1871ARMZ-1.0-R7

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
ADP1870-0.3-EVALZ APEX-ADP1870-0.3-EVALZ Datasheet
1Mb / 10P
Evaluation Kit
Rev A
logo
Analog Devices
ADP1872 AD-ADP1872 Datasheet
67Kb / 1P
Synchronous Current-Mode with Constant On-time, PWM Buck
Rev. PrA
logo
Cirrus Logic
ADP1873-0.3-EVALZ APEX-ADP1873-0.3-EVALZ Datasheet
1Mb / 10P
Evaluation Kit
Rev A
logo
Analog Devices
ADP1874 AD-ADP1874 Datasheet
2Mb / 44P
Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
ADP1874-0.3-EVALZ AD-ADP1874-0.3-EVALZ Datasheet
2Mb / 44P
Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
More results

Similar Description - ADP1871ARMZ-1.0-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1882 AD-ADP1882 Datasheet
1Mb / 40P
Synchronous Current-Mode with Constant On-Time,PWM Buck Controller
REV. 0
logo
Micrel Semiconductor
MIC2124 MICREL-MIC2124 Datasheet
680Kb / 24P
Constant Frequency, Synchronous Current Mode Buck Controller
logo
Analog Devices
ADP1874 AD-ADP1874 Datasheet
2Mb / 44P
Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
ADP1872 AD-ADP1872 Datasheet
67Kb / 1P
Synchronous Current-Mode with Constant On-time, PWM Buck
Rev. PrA
logo
Vishay Siliconix
SIP12107 VISHAY-SIP12107 Datasheet
715Kb / 19P
5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
20-Feb-12
SIP12116 VISHAY-SIP12116 Datasheet
942Kb / 18P
3 A Current Mode Constant On-Time Synchronous Buck Regulator
06-Mar-17
SIP12117 VISHAY-SIP12117 Datasheet
926Kb / 18P
3 A Current Mode Constant On-Time Synchronous Buck Regulator
06-Mar-17
SIP12107 VISHAY-SIP12107_V01 Datasheet
911Kb / 20P
5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
29-Jun-2020
SIP12116 VISHAY-SIP12116_V01 Datasheet
978Kb / 17P
3 A Current Mode Constant On-Time Synchronous Buck Regulator
29-Jun-2020
SIP12117 VISHAY-SIP12117_V01 Datasheet
965Kb / 17P
3 A Current Mode Constant On-Time Synchronous Buck Regulator
29-Jun-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com