Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1870-0.6-EVALZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADP1870-0.6-EVALZ
Description  Synchronous Buck Controller with Constant On-Time and Valley Current Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1870-0.6-EVALZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP1870-0.6-EVALZ Datasheet HTML 17Page - Analog Devices ADP1870-0.6-EVALZ Datasheet HTML 18Page - Analog Devices ADP1870-0.6-EVALZ Datasheet HTML 19Page - Analog Devices ADP1870-0.6-EVALZ Datasheet HTML 20Page - Analog Devices ADP1870-0.6-EVALZ Datasheet HTML 21Page - Analog Devices ADP1870-0.6-EVALZ Datasheet HTML 22Page - Analog Devices ADP1870-0.6-EVALZ Datasheet HTML 23Page - Analog Devices ADP1870-0.6-EVALZ Datasheet HTML 24Page - Analog Devices ADP1870-0.6-EVALZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
ADP1870/ADP1871
Rev. 0 | Page 21 of 44
When the desired valley current limit (ICLIM) has been determined,
the current-sense gain can be calculated as follows:
The valley current limit is programmed as outlined in Table 7
and Figure 71. The inductor chosen must be rated to handle the
peak current, which is equal to the valley current from Table 7
plus the peak-to-peak inductor ripple current (see the Inductor
Selection section). In addition, the peak current value must be
used to compute the worst-case power dissipation in the
MOSFETs (see Figure 72).
ON
CS
CLIM
R
A
I
×
=
V
4
.
1
where:
RON is the channel impedance of the lower-side MOSFET.
ACS is the current-sense gain multiplier (see Table 6 and Table 7).
INDUCTOR
CURRENT
VALLEY CURRENT-LIMIT
THRESHOLD (SET FOR 25A)
ΔI = 33%
OF 30A
COMP
OUTPUT
SWING
COMP
OUTPUT
2.4V
1V
0A
35A
30A
32.25A
37A
49A
39.5A
ΔI = 45%
OF 32.25A
ΔI = 65%
OF 37A
MAXIMUM DC LOAD
CURRENT
Although the ADP1870/ADP1871 have only four discrete current-
sense gain settings for a given RON variable, Table 7 and Figure 71
outline several available options for the valley current setpoint
based on various RON values.
Table 7. Valley Current Limit Program1
RON
(mΩ)
Valley Current Level
47 kΩ
22 kΩ
Open
100 kΩ
ACS = 3 V/V
ACS = 6 V/V
ACS = 12 V/V
ACS = 24 V/V
1.5
38.9
2
29.2
2.5
23.3
3
39.0
19.5
3.5
33.4
16.7
4.5
26.0
13
5
23.4
11.7
5.5
21.25
10.6
10
23.3
11.7
5.83
15
31.0
15.5
7.75
7.5
18
26.0
13.0
6.5
3.25
Figure 72. Valley Current-Limit Threshold in Relation to Inductor Ripple Current
HICCUP MODE DURING SHORT CIRCUIT
A current-limit violation occurs when the current across the
source and drain of the lower-side MOSFET exceeds the
current-limit setpoint. When 32 current-limit violations are
detected, the controller enters idle mode and turns off the
MOSFETs for 6 ms, allowing the converter to cool down. Then,
the controller reestablishes soft start and begins to cause the
output to ramp up again (see Figure 73). While the output
ramps up, COMP is monitored to determine if the violation is
still present. If it is still present, the idle event occurs again,
followed by the full-chip power-down sequence. This cycle
continues until the violation no longer exists. If the violation
disappears, the converter is allowed to switch normally,
maintaining regulation.
1 Refer to Figure 71 for more information and a graphical representation.
123
456789 10 11 12 13 14 15 16 17 18 19 20
RON (mΩ)
39
37
35
33
31
29
27
25
23
21
19
17
15
13
11
9
7
5
3
RES = 47k
Ω
ACS = 3V/V
RES = 22k
Ω
ACS = 6V/V
RES = NO RES
ACS = 12V/V
RES = 100k
Ω
ACS = 24V/V
Figure 71. Valley Current-Limit Value vs. RON of the Lower-Side MOSFET
for Each Programming Resistor (RES)
HS
CLIM
ZERO
CURRENT
REPEATED CURRENT-LIMIT
VIOLATION DETECTED
A PREDETERMINED NUMBER
OF PULSES IS COUNTED TO
ALLOW THE CONVERTER
TO COOL DOWN
SOFT START IS
REINITIALIZED TO
MONITOR IF THE
VIOLATION
STILL EXISTS
Figure 73. Idle Mode Entry Sequence Due to Current-Limit Violation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com