Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD53-4R7-R Datasheet(PDF) 10 Page - Analog Devices

Part # SD53-4R7-R
Description  1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SD53-4R7-R Datasheet(HTML) 10 Page - Analog Devices

Back Button SD53-4R7-R Datasheet HTML 6Page - Analog Devices SD53-4R7-R Datasheet HTML 7Page - Analog Devices SD53-4R7-R Datasheet HTML 8Page - Analog Devices SD53-4R7-R Datasheet HTML 9Page - Analog Devices SD53-4R7-R Datasheet HTML 10Page - Analog Devices SD53-4R7-R Datasheet HTML 11Page - Analog Devices SD53-4R7-R Datasheet HTML 12Page - Analog Devices SD53-4R7-R Datasheet HTML 13Page - Analog Devices SD53-4R7-R Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADP2300/ADP2301
Rev. 0 | Page 10 of 28
CH1 1V
CH4 500mA Ω
CH2 10V
M100µs
A CH3
8V
2
4
3
1
B
W
CH3 10V BW
B
W
B
W
VOUT
IL
EN
SW
Figure 28. Soft Start with 1 A Resistance Load, fSW = 1.4 MHz
CH1 1V
CH4 500mA Ω
CH2 10V
M100µs
A CH3
8V
2
4
3
1
B
W
CH3 10V BW
B
W
B
W
VOUT
IL
EN
SW
Figure 29. Soft Start with No Load, fSW = 1.4 MHz
2
1
4
VOUT
IOUT
SW
CH1 100mV
CH4 500mA Ω
CH2 10V
M100µs A CH4
580mA
B
W
B
W
B
W
Figure 30. ADP2301 Load Transient, 0.2 A to 1.0 A, VOUT = 5.0 V, VIN = 12 V
(fSW = 1.4 MHz, L = 4.7 μH, COUT = 10 μF)
2
1
4
VOUT
IOUT
SW
CH1 50mV
CH4 500mA Ω
CH2 10V
M100µs A CH4
630mA
B
W
B
W
B
W
Figure 31. ADP2301 Load Transient, 0.2 A to 1.0 A, VOUT = 3.3 V, VIN = 12 V
(fSW = 1.4 MHz, L = 4.7 μH, COUT = 22 μF)
2
1
4
VOUT
IOUT
SW
CH1 200mV
CH4 500mA Ω
CH2 10V
M100µs A CH4
630mA
B
W
B
W
B
W
Figure 32. ADP2300 Load Transient, 0.2 A to 1.0 A, VOUT = 5.0 V, VIN = 12 V
(fSW = 700 kHz, L = 10 μH, COUT = 22 μF)
2
1
4
VOUT
IOUT
SW
CH1 100mV
CH4 500mA Ω
CH2 10V
M100µs A CH4
630mA
B
W
B
W
B
W
Figure 33. ADP2300 Load Transient, 0.2 A to 1.0 A, VOUT = 3.3 V, VIN = 12 V
(fSW = 700 kHz, L = 10 μH, COUT = 22 μF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com