Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD53-6R8-R Datasheet(PDF) 12 Page - Analog Devices

Part # SD53-6R8-R
Description  1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SD53-6R8-R Datasheet(HTML) 12 Page - Analog Devices

Back Button SD53-6R8-R Datasheet HTML 8Page - Analog Devices SD53-6R8-R Datasheet HTML 9Page - Analog Devices SD53-6R8-R Datasheet HTML 10Page - Analog Devices SD53-6R8-R Datasheet HTML 11Page - Analog Devices SD53-6R8-R Datasheet HTML 12Page - Analog Devices SD53-6R8-R Datasheet HTML 13Page - Analog Devices SD53-6R8-R Datasheet HTML 14Page - Analog Devices SD53-6R8-R Datasheet HTML 15Page - Analog Devices SD53-6R8-R Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ADP2300/ADP2301
Rev. 0 | Page 12 of 28
–100
–80
–60
–40
–20
0
20
40
60
80
100
–200
–160
–120
–80
–40
0
40
80
120
160
200
1k
10k
100k
FREQUENCY (Hz)
12
1M
CROSS FREQUENCY: 47kHz
PHASE MARGIN: 77°
Figure 40. ADP2300 Bode Plot, VOUT = 3.3 V, VIN = 12 V
(fSW = 700 kHz, L = 10 μH, COUT = 22 μF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com