Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDU1900 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MDU1900
Description  WAVEGUIDE TRANSCEIVERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MDU1900 Datasheet(HTML) 2 Page - Microsemi Corporation

  MDU1900 Datasheet HTML 1Page - Microsemi Corporation MDU1900 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MDU19xx Series
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
WAVEGUIDE TRANSCEIVERS
Fixed Frequency
TM
®
Copyright
 2008
Rev: 2009-02-10
Operation
The basic principle of operation consists of detecting the frequency shift between a transmitted and a received
signal reflected back from a moving object within the field of view of the unit.
The MDU1900 unit produces two low level output signals which can be amplified and processed to provide an
audible or visual alarm. These signals are nominally orthogonal in phase and the direction of the detected
target can be ascertained from the lead/lag between the two outputs
The MDU1910 unit produces a single low level output signal which can be amplified and processed to provide
an audible or visual alarm.
The MST1950 unit includes the transmitter only and can be used with a separate receiver as one end of a
microwave link.
All the units employ low cost surface mount manufacturing techniques which are field proven as being rugged
Mechanical Characteristics
Weight
:
85 grams
Tab Connections
:
0.1” spacing
Environmental Characteristics
Power Drift
(over operating temp. range) :
3dB
Frequency Drift
(over operating temp. range) :
10MHz Operating
Temperature
:
-10ºC to +55ºC Storage
Temperature
:
-30ºC to +70ºC
NOTES Detection range is dependent on size and reflectivity of
target and S/N ratio Doppler shift at 10.587GHz is 31Hz/m.p.h.
Unit functions over -30ºC to +70ºC with reduced performance
Electrical Characteristics
Transmitter
Operating Voltage
:
+5V
±0.25V
Operating Current (CW)
:
60mA max.
:
50mA typ.
Frequency
:
see table
Frequency Setting Accuracy
:
3MHz
Frequency Pushing (Max)
:
3MHz/V
Power Output
MDU1900/MDU1910
: +7dBm (Typ)
MDU1900/MDU1910
:+10dBm (Typ)
Power Variation
: 3dB/v (Max)
Harmonic Emissions
:
< -7dBm
Pulse Mode Operation
Average Current (5% DC)
:
2mA typ.
Pulse Width (Min.)
:
5µSec Duty
Cycle (Min.)
:
1%
Receiver
Output Signal*
: >1000µV p-p Noise
: <150µV p-p
(Both in 3Hz to 80Hz bandwidth)
* With standard test system
Output Connection
Waveguide
:WG16/WR90/R100
Waveguide Flange
:UBR100
Outline Drawing
Model
Application
Order Code
Frequency
Comments
MDU1900
Dual Orthogonal
Mixers
C950503
C950501
10.525GHz
10.587GHz
Holland, Belgium, Italy, USA
UK
MDU1910
Single Mixer
C960503
C960501
10.525GHz
10.587GHz
Holland, Belgium, Italy, USA
UK
MST1950
Transmit Only
C970503
C970501
10.525GHz
10.587GHz
Holland, Belgium, Italy, USA
UK



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com