Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C950501 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # C950501
Description  WAVEGUIDE TRANSCEIVERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

C950501 Datasheet(HTML) 1 Page - Microsemi Corporation

  C950501 Datasheet HTML 1Page - Microsemi Corporation C950501 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MDU19xx Series
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
WAVEGUIDE TRANSCEIVERS
Fixed Frequency
TM
®
Copyright
 2008
Rev: 2009-02-10
Features
 Low cost
 Standard Waveguide output
 Rugged, Reliable Construction
 Low Power Consumption
 High Sensitivity
Description
The
MDU
(Motion
Detector
Unit) is
an
X-Band
microwave transceiver that utilizes the Doppler shift
phenomenon to "sense" motion.
The unit, contained in a rugged diecast housing,
features a dielectric resonator stabilized FET oscillator,
which
provides
stable
operation
over
a
broad
temperature range in either CW or low duty cycle pulse
mode. The unit is available as a “transmit only” unit,
with a single mixer or with a pair of orthogonal mixers
for direction sensing applications.
Applications
 Traffic Control
 Automatic Door Openers
 Speed Measurement
 Direction of motion detection
 Energy Management Systems
 Sports Radar Guns
This document only gives a general description of the product and shall not form part of any contract.
Microwave Solutions pursue a policy of continuous product improvement and reserve the right from time to time to amend the specifications of products.


Similar Part No. - C950501

ManufacturerPart #DatasheetDescription
logo
Cisco Systems, Inc.
C9500 CISCO-C9500 Datasheet
1Mb / 52P
Cisco Catalyst 9500 Series Switches
2023
C9500-12Q CISCO-C9500-12Q Datasheet
1Mb / 52P
Cisco Catalyst 9500 Series Switches
2023
C9500-16X CISCO-C9500-16X Datasheet
1Mb / 52P
Cisco Catalyst 9500 Series Switches
2023
C9500-24Q CISCO-C9500-24Q Datasheet
1Mb / 52P
Cisco Catalyst 9500 Series Switches
2023
C9500-24Y4C CISCO-C9500-24Y4C Datasheet
1Mb / 52P
Cisco Catalyst 9500 Series Switches
2023
More results

Similar Description - C950501

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS620A PHILIPS-74ALS620A Datasheet
103Kb / 11P
Transceivers
1991 Feb 08
logo
Microsemi Corporation
MO86561 MICROSEMI-MO86561 Datasheet
140Kb / 2P
WAVEGUIDE DETECTORS
logo
Linear Technology
LTC1321ISW LINER-LTC1321ISW Datasheet
337Kb / 20P
Transceivers
logo
API Technologies Corp
CMWD146-2 APITECH-CMWD146-2 Datasheet
116Kb / 1P
Waveguide Diplexer
CMWD146-1 APITECH-CMWD146-1 Datasheet
116Kb / 1P
Waveguide Diplexer
CMWD123 APITECH-CMWD123 Datasheet
109Kb / 1P
Waveguide Diplexer
logo
Unisonic Technologies
UTRS3088 UTC-UTRS3088 Datasheet
227Kb / 8P
TRANSCEIVERS
logo
ARTSCHIP ELECTRONICS CO...
MAX13080E ARTSCHIP-MAX13080E Datasheet
3Mb / 24P
Transceivers
logo
Pasternack Enterprises,...
PE9881-34 PASTERNACK-PE9881-34_17 Datasheet
450Kb / 3P
Waveguide Horn
PE9881-42 PASTERNACK-PE9881-42_18 Datasheet
901Kb / 9P
Waveguide Horn
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com