Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C910606 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # C910606
Description  PLANAR TRANSCEIVERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

C910606 Datasheet(HTML) 2 Page - Microsemi Corporation

  C910606 Datasheet HTML 1Page - Microsemi Corporation C910606 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MDU1420 Series
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
PLANAR TRANSCEIVERS
TM
®
Copyright
 2008
Rev: 2009-02-10
Operation
The basic principle of operation consists of detecting the frequency shift between a transmitted and a
received signal reflected back from a moving object within the field of view of the unit.
The unit produces a low level IF output signal which can be amplified and processed to provide an
audible or visual alarm signal and employs low cost surface mount manufacturing techniques which
are field proven as being rugged and reliable.
Electrical Characteristics
Transmitter
Frequency
:
see table
Frequency Setting Accuracy
:
3MHz
Power Output (Min.)
:
13dBm
EIRP
Operating Voltage
:
+5V
±0.25V
Operating Current (CW)
:
60mA max.
:
45mA typ.
Harmonic Emissions
:
< -7.3dBm
Pulse Mode Operation
Average Current (5% DC)
:
2mA typ. Pulse
Width (Min.)
:
5µSec Duty
Cycle (Min.)
:
1%
Receiver
Sensitivity (10dB S/N ratio)
:
-86dBm Noise
:
10µV (Both in
3Hz to 80Hz bandwidth)
Antenna
Gain
:
8dBi
-3dB Beamwidth
H Plane
:36deg
E Plane
:72deg
Mechanical Characteristics
Weight
:
9grams
Tab Connections
:
0.1” spacing
Environmental Characteristics
Power/Temp. Coefficient
(over operating temp. range) :
3dB
Frequency/Temp. Coefficient
(over operating temp. range) : 6.5MHz Operating
Temperature
:
-10ºC to +55ºC Storage
Temperature
:
-30ºC to +70ºC
NOTES
Detection range is dependent on size and reflectivity of target and
S/N ratio Doppler shift at 10.525GHz is 31Hz/m.p.h. Unit functions
over -30ºC to +70ºC but performance may be degraded above
+55
C.
Outline Drawing
Model
Application
Order Code
Frequency
Comments
MDU1420
USA,CANADA, ETC
C910605
C910603
C910606
10.515GHz
10.525Ghz
10.535GHz
USA FCC Part 15 Indoors



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com