Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6250 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MP6250
Description  GaAs Flip Chip PIN Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MP6250 Datasheet(HTML) 1 Page - Microsemi Corporation

  MP6250 Datasheet HTML 1Page - Microsemi Corporation MP6250 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MP6250 – P2715
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
GaAs Flip Chip PIN Diodes
TM
®
Copyright
 2008
Rev: 2009-01-19
Dimensions
Size: 27.5 x 15 mils
Thickness: 5 mils
Bond Pad Size: 3.5 x 8.4 mils
Features
●
Low Capacitance (45 fF Typ.)
●
Low Series Resistance (5
 Typ.)
●
2 Nanosecond Switching Speed
●
Silicon Nitride Passivation
●
Large Gold Bond Pads
Specifications @ 25°C
●
V
F (10 mA): 1.45 V Max.
●
V
R (10 A): 40 V Min.
●
R
S (10 mA, 1 GHz): 7  Max., 5  Typ.
●
C
T (10 V, 1 MHz): 55 fF Max., 45 fF Typ.
Maximum Ratings
Description
The MP6250 is a GaAs Flip Chip PIN Diode designed
for use in microwave and millimeterwave switches,
attenuators and phase shifters. GaAs PIN diodes feature
low zero bias capacitance and conductance, fast
switching speed and its ability to be driven directly by
low-cost TTL drivers.
These flip chip PIN diodes incorporate Microsemi’s
expertise in GaAs material processing, silicon nitride
protective coatings and high temperature metalization.
The flip chip design maintains the high frequency
performance features of a beam lead structure in a more
rugged surface mount configuration.
Incident Power
+23 dBm @ 25°C
Reverse Voltage
40 V
Power Dissipation
50 mW @ 25°C
Operating Temperature
-65°C to +150°C
Storage Temperature
-65°C to +150°C


Similar Part No. - MP6250

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP62550 MPS-MP62550 Datasheet
549Kb / 16P
Precision 60mA-1.7A Programmable Current-Limited Power Distribution Switch
MP62550DGT MPS-MP62550DGT Datasheet
549Kb / 16P
Precision 60mA-1.7A Programmable Current-Limited Power Distribution Switch
MP62550DJ MPS-MP62550DJ Datasheet
549Kb / 16P
Precision 60mA-1.7A Programmable Current-Limited Power Distribution Switch
MP62551 MPS-MP62551 Datasheet
549Kb / 16P
Precision 60mA-1.7A Programmable Current-Limited Power Distribution Switch
MP62551DGT MPS-MP62551DGT Datasheet
549Kb / 16P
Precision 60mA-1.7A Programmable Current-Limited Power Distribution Switch
More results

Similar Description - MP6250

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
DMK2783-000 ALPHA-DMK2783-000 Datasheet
85Kb / 4P
GaAs Flip Chip Schottky Diodes
logo
Tyco Electronics
MA4E1317 MACOM-MA4E1317 Datasheet
160Kb / 5P
GaAs Flip Chip Schottky Barrier Diodes
MA4GP907 MACOM-MA4GP907 Datasheet
314Kb / 4P
GaAs Flip-Chip PIN Diodes
logo
KODENSHI_AUK CORP.
KBM-N56-1 KODENSHI-KBM-N56-1 Datasheet
43Kb / 1P
GaAs Flip Chip Schottky Diodes
logo
M/A-COM Technology Solu...
MA4AGP907 MA-COM-MA4AGP907 Datasheet
131Kb / 6P
AlGaAs Flip Chip PIN Diodes
MA4GP907 MA-COM-MA4GP907 Datasheet
102Kb / 5P
GaAs Flip Chip PIN Diode
MA4E1317 MA-COM-MA4E1317 Datasheet
140Kb / 7P
GaAs Flip Chip Schottky Barrier Diodes
MA4AGP907 MA-COM-MA4AGP907_2 Datasheet
128Kb / 6P
AlGaAs Flip Chip PIN Diodes
MA4E1317_V7 MA-COM-MA4E1317_V7 Datasheet
140Kb / 7P
GaAs Flip Chip Schottky Barrier Diodes
MA4E1317 MA-COM-MA4E1317_14 Datasheet
653Kb / 6P
GaAs Flip Chip Schottky Barrier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com