Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2205 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MS2205
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS2205 Datasheet(HTML) 2 Page - Microsemi Corporation

  MS2205 Datasheet HTML 1Page - Microsemi Corporation MS2205 Datasheet HTML 2Page - Microsemi Corporation MS2205 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Visit our website at www.microsemi.com or contact our factory direct.
MS2205
ELECTRICAL SPECIFICATIONS (Tcase = 25°C)
STATIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
BVCBO
IC = 1 mA
IE = 0 mA
45
---
---
V
BVCEO
IC = 5 mA
IB = 0mA
20
---
---
V
BVEBO
IE = 1.0 mA
IC = 0 mA
3.5
---
---
V
ICES
VCE = 35 V
---
---
1.0
mA
HFE
VCE = 5 V
IC = 100 mA
20
---
120
---
DYNAMIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
POUT
f =1025 - 1150 MHz
PIN = 400mW
VCE =35V
4
---
---
W
GP
f =1025 - 1150 MHz
PIN = 400mW
VCE =35V
10
---
---
dB
Conditions Pulse Width = 10 µs Duty Cycle = 1%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com