Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP147 Datasheet(PDF) 1 Page - Wing Shing Computer Components

Part # TIP147
Description  SILICON DARLINGTON TRANSISTOR PNP EPITAXIAL(HIGH DC CURRENT GAIN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

TIP147 Datasheet(HTML) 1 Page - Wing Shing Computer Components

  TIP147 Datasheet HTML 1Page - Wing Shing Computer Components TIP147 Datasheet HTML 2Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TIP145/146
/147
SILICON DARLINGTON TRANSISTOR
HIGH DC CURRENT GAIN
••••Complementary to TIP140/141/142
SC-65
ABSOLUTE MAXIMUM RATINGS (Ta=25°C
CC
C)
Characteristic
Symbol
Rating
Unit
Collector-Base
Voltage
:TIP145
:TIP146
:TIP147
Collector-
EmitterVoltage :TIP140
:TIP146
:TIP147
Emitter-Base voltage
Collector Current (DC)
Collector Current (Pulse)
Base Current (DC)
Collector Dissipation (Tc=25
°C)
Junction Temperature
Storage Temperature
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
-60
-80
-100
-60
-80
-100
-5
-10
-15
-0.5
125
150
-50~150
V
V
V
V
V
V
V
A
A
A
W
°C
°C
Wing Shing Computer Components Co., (H.K.)Ltd.
Tel:(852)2341 9276
Fax:(852)2797 8153
Homepage: http://www.wingshing.com
E-mail:
wsccltd@hkstar.com
PNP EPITAXIAL


Similar Part No. - TIP147

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP147 MOSPEC-TIP147 Datasheet
204Kb / 4P
POWER TRANSISTORS(10A,60-100V,125W)
logo
Motorola, Inc
TIP147 MOTOROLA-TIP147 Datasheet
234Kb / 6P
10 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP147 ONSEMI-TIP147 Datasheet
217Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
logo
Power Innovations Ltd
TIP147 POINN-TIP147 Datasheet
114Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP147 STMICROELECTRONICS-TIP147 Datasheet
48Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2000
More results

Similar Description - TIP147

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
TIP140 WINGS-TIP140 Datasheet
24Kb / 2P
NPN EPITAXIAL SILICON DARLINGTON TRANSISTOR(HIGH DC CURRENT GAIN)
logo
Siemens Semiconductor G...
BC516 SIEMENS-BC516 Datasheet
138Kb / 4P
PNP Silicon Darlington Transistor (High current gain High collector current)
BC517 SIEMENS-BC517 Datasheet
138Kb / 4P
NPN Silicon Darlington Transistor (High current gain High collector current)
BC876 SIEMENS-BC876 Datasheet
170Kb / 4P
PNP Silicon Darlington Transistors (High current gain High collector current)
logo
Leshan Radio Company
L2SD2114KVLT1G LRC-L2SD2114KVLT1G_11 Datasheet
72Kb / 4P
Epitaxial planar type NPN silicon transistor High DC current gain
logo
Fairchild Semiconductor
TIP146TU FAIRCHILD-TIP146TU Datasheet
175Kb / 5P
PNP Epitaxial Silicon Darlington Transistor
TIP147TU FAIRCHILD-TIP147TU Datasheet
175Kb / 5P
PNP Epitaxial Silicon Darlington Transistor
TIP105TU FAIRCHILD-TIP105TU Datasheet
550Kb / 5P
PNP Epitaxial Silicon Darlington Transistor
TIP147TTU FAIRCHILD-TIP147TTU Datasheet
601Kb / 5P
PNP Epitaxial Silicon Darlington Transistor
TIP107TU FAIRCHILD-TIP107TU Datasheet
550Kb / 5P
PNP Epitaxial Silicon Darlington Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com