Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS8002 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MS8002
Description  GaAs Schottky Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS8002 Datasheet(HTML) 2 Page - Microsemi Corporation

  MS8002 Datasheet HTML 1Page - Microsemi Corporation MS8002 Datasheet HTML 2Page - Microsemi Corporation MS8002 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MS8001 – MS8004
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
GaAs Schottky Diodes
TM
®
Copyright
 2008
Rev.: 2009-02-17
Packaged and Bondable Chips
SPICE Model Parameters for MS8004
IS (A)
RS ()
N
TT (Sec.)
CJO (pF)
m
EG (ev)
VJ (V)
BV (V)
IBV (A)
8 x 10-13
6
1.05
0
0.06
0.50
1.42
0.85
5.0
1x10-5
Specifications @ 25°C
Part
Number
Typ.
CJ @ 0 V
(pF)2
Max.
RS
()3
LO
Frequency
(GHz)
Typ.
Noise Figure
(dB)4
IF
Impedance
(
)
Min.
VBR
(V)5
MS80011
0.12
6
9.375
5.6
250–500
5
MS80021
0.10
6
16.000
5.6
250–500
5
MS80031
0.07
6
24.000
6.5
250–500
5
MS80041
0.06
6
36.000
6.5
250–500
5
1
Suffix of the model number indicates the package style. Available in M22, M38 and M39 and in chip form P10, e.g. MS8001-P10.
2
CJ is specified at 1 MHz.
3
Series resistance, RS, is calculated by subtracting the barrier resistance RD = kT/qI from the measured total resistance RT at 10 mA: RS = RT - RD:
k = Boltzmann Constant, T = diode temperature in degrees K, q = electronic charge, I = forward current.
4
The quoted noise figure (NF) is a single side band NF measured at 6 dBm LO power in a single-ended mixer, and 10 dBm in a balanced mixer with a 30 MHz IF
amplifier with 1.5 dB NF.
5
The breakdown voltage, VBR, is specified at a reverse current of 10 µA.
Device Reliability
The reliability of GaAs Schottky barrier diodes has been
established through long-term operation and step-stress
testing. A high-temperature refractory metalization structure,
Ti- Pt- Au, eliminates potential problems arising from the
penetration of metalization into the semiconductor during
long-term use in the RF systems. Well established chip
fabrication and manufacturing techniques further enhance
device reliability by reducing the possibility of surface
breakdown or chip damage in mounting.
Long-term operation and step stress tests have indicated
that for a junction temperature of 200°C, MTTF will be
greater than 1E6 hours.
Precautions for Handling
Schottky Barrier Diodes
Microwave and millimeter wave Schottky barrier
diodes have very small junction areas and are
therefore extremely sensitive to accidental electrostatic
discharge (ESD) and over voltage burnout. The
first
or
most sensitive
indication
of
excessive
electrical
stress
or burnout is an increase in the
reverse leakage current: I
R
of the diode. A large overload will cause the reverse
breakdown voltage to decrease to a lower value, and also
degrade the forward voltage characteristics of the
diode. ESD is responsible for both catastrophic and latent
failures of high-frequency Schottky barrier diodes.
Static electricity, or ESD, is more prevalent in dry climates
such as experienced during the winter months, and may
be generated on one’s person or by the diode packaging
material. Therefore, extreme care must be taken when
handling these diodes.
Grounded dual wrist straps with continuous monitor,
table-top ionizers and ESD bags/enclosures should be used
when handling Schottky barrier diodes.
If auxiliary test equipment, such as an oscilloscope or a
digital voltmeter, is to be connected and used for a
monitoring diode operation, it should be connected
electrically before the diode is installed if possible. If not,
the ground side of the instrument must be connected first,
or the diode may be damaged by the AC current flowing
in the ground loop and through the diode.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com