Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP42A Datasheet(PDF) 2 Page - Wing Shing Computer Components

Part # TIP42A
Description  PNP EPITAXIAL SILICON TRANSISTOR(MEDIUM POWER LINEAR SWITCHING APPLICATIONS)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

TIP42A Datasheet(HTML) 2 Page - Wing Shing Computer Components

  TIP42A Datasheet HTML 1Page - Wing Shing Computer Components TIP42A Datasheet HTML 2Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25°C
CC
C)
Characterristic
Symbol
Test Condition
Min
Typ
Max
Unit
Collector Emitter Sustaining Voltage
:TIP41
:TIP41A
:TIP41B
:TIP41C
Collector Cutoff Current
:TIP41/41A
:TIP41B/41C
Collector Cutoff Current
:TIP41
:TIP41A
:TIP41B
:TIP41C
Emitter Cutoff Current
DC Current Gain
Collector- Emitter Saturation Voltage
Base- Emitter On Voltage
Current Gain Bandwith Product
BVCEO(SUS)
ICEO
ICES
IEBO
hFE
VCE(sat)
VBE(on)
fT
IC=-30mA,
IB=0
VCE= -30V ,
IB=0
VCE= -60V ,
IB=0
VCE= -40V ,
VEB= 0
VCE= 60V ,
VEB= 0
VCE= -80V ,
VEB= 0
VCE= -100V , VEB= 0
VEB= -5V ,
IC=0
VCE= -4V ,
IC=-
0.3A
VCE= -4V ,
IC=-3A
IC=-6A ,
IB=-600mA
VCE= -4V ,
IC=-6A
VCE= -
10V,IC=500mA
f=1MHZ
-40
-600
-80
-100
30
15
3.0
-0.7
-0.7
-400
-400
-400
-400
-1
75
-1.5
-2.0
V
V
V
V
mA
mA
µA
µA
µA
µA
mA
V
V
MHZ



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com