Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MV20002 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MV20002
Description  GaAs Varactor Diodes Abrupt Junction
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MV20002 Datasheet(HTML) 2 Page - Microsemi Corporation

  MV20002 Datasheet HTML 1Page - Microsemi Corporation MV20002 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MV20001 – MV21010
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
GaAs Varactor Diodes
Abrupt Junction
TM
®
Copyright
 2008
Rev: 2009-05-11
Part
Number
CT @ 4 V
± 10%
(pF)1, 3, 4
Typ.
CT @ 0 V
CT @ VBR5
Min.
VBR @
10 A (V)
Typ.
Q @ -4 V2
MV20001
0.3
2.4
15
8000
MV20002
0.4
2.6
15
7500
MV20003
0.5
2.8
15
7000
MV20004
0.6
2.9
15
6500
MV20005
0.8
3.0
15
6000
MV20006
1.0
3.1
15
5700
MV20007
1.2
3.2
15
5000
MV20008
1.5
3.3
15
5000
MV20009
1.8
3.4
15
5000
MV20010
2.2
3.4
15
4000
MV21001
0.3
2.8
30
8000
MV21002
0.4
3.1
30
7500
MV21003
0.5
3.4
30
7000
MV21004
0.6
3.6
30
6500
MV21005
0.8
3.8
30
6000
MV21006
1.0
4.0
30
5700
MV21007
1.2
4.2
30
5000
MV21008
1.5
4.3
30
5000
MV21009
1.8
4.5
30
5000
MV21010
2.2
4.6
30
4000
Specifications @ 25°C
Gamma = 0.5
1
Capacitance is specified at 1 MHz.
2
Measured by DeLoach Technique and referenced to 50 MHz.
3
Tightened tolerances available upon request.
4
Package capacitance of 0.15 pF is included in the above specification.
5
The capacitance ratio is calculated using CP = 0.15 pF. Ratios will vary
depending upon package selection.
Typical Characteristics



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com