Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MV71007 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MV71007
Description  GaAs Multiplier Diodes Frequency Multiplier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MV71007 Datasheet(HTML) 1 Page - Microsemi Corporation

  MV71007 Datasheet HTML 1Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MV71001 – MV71013
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
GaAs Multiplier Diodes
Frequency Multiplier
TM
®
Copyright
 2007
Rev: 2009-01-19
Features
Part
Number
CJ @ 0 V
± 10%
(pF)1, 3, 4
Typ.5
CT @ 0 V
CT @ VBR
Min.
VBR @
10 A (V)
Typ.
Q @ -4 V2
MV71001
0.2
2.1
15
8000
MV71002
0.3
2.4
15
8000
MV71003
0.4
2.6
15
7500
MV71004
0.5
2.8
15
7000
MV71005
0.3
2.8
30
8000
MV71006
0.4
3.1
30
7500
MV71007
0.5
3.4
30
7000
MV71008
0.6
3.6
30
6500
MV71009
0.7
3.7
30
6000
MV71010
0.8
3.8
30
6000
MV71011
0.9
3.9
30
5700
MV71012
1.0
4.0
30
5700
MV71013
1.2
4.2
30
5000
●
High Efficiency
●
Low Parasitic Packages
●
Low Thermal Resistance
Applications
●
High-Power mmW Transceivers
●
mmW Phase Arrays
●
Drivers for Power Amplifiers
●
Frequency Multipliers to 110 GHz and
Beyond
Specifications @ 25°C
Description
Microsemi’s GaAs frequency multiplier diodes are
fabricated from
epitaxial
layers
grown
at
using
Chemical Vapor Deposition. The layers are processed at
using proprietary techniques resulting in high Q factor
and repeatable tuning curves. The diodes are available
in a variety of microwave ceramic packages or chips for
operation from UHF to mmW frequencies.
Maximum Ratings
Reverse Voltage
Breakdown Voltage
Forward Current
50 mA @ 25°C
Incident Power
+23 dBm @ 25°C
Operating Temperature
-55°C to +175°C
Storage Temperature
-55°C to +200°C
1
Capacitance is specified at 1 MHz.
2
Measured by DeLoach Technique and referenced to 50 MHz.
3
Tightened tolerances available upon request.
4
Package capacitance are not included in above specifications.
5
Capacitance ratio is calculated using CP = 0.15 pF. Ratios will vary
depending upon case style selection.
IMPORTANT:
For the most current data, consult our website: www.MICROSEMI.com
Specifications are subject to change. Consult factory for the latest information
.
These devices are ESD sensitive and must be handled using ESD precautions.
1 The MV71000 Series of products are
supplied with a RoHS complaint Gold finish
.


Similar Part No. - MV71007

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MV7042 QT-MV7042 Datasheet
182Kb / 2P
SUPER BRIGHT T-1 (3mm) LED LAMP - WATER CLEAR
logo
Fairchild Semiconductor
MV7042 FAIRCHILD-MV7042 Datasheet
231Kb / 3P
SUPER BRIGHT T-1 (3MM) LED LAMP - Water Clear
logo
QT Optoelectronics
MV7043 QT-MV7043 Datasheet
182Kb / 2P
SUPER BRIGHT T-1 (3mm) LED LAMP - WATER CLEAR
logo
Fairchild Semiconductor
MV7043 FAIRCHILD-MV7043 Datasheet
231Kb / 3P
SUPER BRIGHT T-1 (3MM) LED LAMP - Water Clear
logo
QT Optoelectronics
MV7044 QT-MV7044 Datasheet
182Kb / 2P
SUPER BRIGHT T-1 (3mm) LED LAMP - WATER CLEAR
More results

Similar Description - MV71007

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RMK-3-722+ MINI-RMK-3-722+ Datasheet
151Kb / 1P
Frequency Multiplier
RMK-3-1262+ MINI-RMK-3-1262+ Datasheet
150Kb / 1P
Frequency Multiplier
RMK-3-14 MINI-RMK-3-14 Datasheet
252Kb / 1P
Frequency Multiplier
RMK-3-33 MINI-RMK-3-33 Datasheet
296Kb / 2P
Frequency Multiplier
RMK-3-123 MINI-RMK-3-123 Datasheet
255Kb / 1P
Frequency Multiplier
RMK-5-51 MINI-RMK-5-51 Datasheet
297Kb / 3P
Frequency Multiplier
RMK-5-83 MINI-RMK-5-83 Datasheet
315Kb / 3P
Frequency Multiplier
RMK-5-571 MINI-RMK-5-571 Datasheet
373Kb / 3P
Frequency Multiplier
RMK-5-2251 MINI-RMK-5-2251 Datasheet
316Kb / 3P
Frequency Multiplier
FK-5 MINI-FK-5 Datasheet
168Kb / 1P
Frequency Multiplier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com