Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MV30002 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MV30002
Description  GaAs Varactor Diodes Hyperabrupt
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MV30002 Datasheet(HTML) 2 Page - Microsemi Corporation

  MV30002 Datasheet HTML 1Page - Microsemi Corporation MV30002 Datasheet HTML 2Page - Microsemi Corporation MV30002 Datasheet HTML 3Page - Microsemi Corporation MV30002 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MV30011 – MV34010
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page
2
GaAs Varactor Diodes
Hyperabrupt
TM
®
Copyright
 2008
Rev: 2009-05-11
High Q Constant Gamma Tuning Varactors (Specifications @ 25°C)
1
Capacitance is specified at 1 MHz.
2
Measured by DeLoach Technique and referenced to 50 MHz.
3
Tightened tolerances available upon request.
4
Package capacitance is 0.15 pF is included in the above specification.
5
The capacitance ratio is calculated using CP = 0.15 pF. Ratios will vary
depending upon package selection.
Gamma = 1.25
Part
Number
CT@4V
± 10%
(pF)1, 3, 4
Typ.
CT @2V /
CT @12V5
Min.
VBR @
10 A (V)
Typ.
Q @ -4 V2
MV31001
0.6
4.2
15
4000
MV31002
1.0
5.1
15
3000
MV31003
1.2
5.4
15
3000
MV31004
1.5
5.7
15
3000
MV31005
1.8
5.9
15
3000
MV31006
2.2
6.2
15
3000
MV31007
2.5
6.3
15
2000
MV31008
3.0
6.5
15
2000
MV31009
3.6
6.7
15
2000
MV31010
4.5
6.8
15
1500
Part
Number
CT @4 V
± 10%
(pF)1, 3, 4
Typ.
CT @2V /
CT @20V5
Min.
VBR @
10 A (V)
Typ.
Q @ -4V2
MV31011
0.5
5.5
22
4000
MV31012
0.7
6.5
22
4000
MV31013
1.0
7.7
22
3000
MV31014
1.2
8.3
22
3000
MV31015
1.5
9.1
22
3000
MV31016
1.8
9.6
22
3000
MV31017
2.0
9.9
22
3000
MV31018
2.2
10.2
22
3000
MV31019
2.7
10.8
22
2000
MV31020
3.3
11.3
22
2000
MV31021
3.7
11.5
22
2000
MV31022
4.7
12.0
22
1500
MV31023
5.6
12.3
22
1500
MV31024
6.8
12.6
22
1500
MV31025
8.2
12.9
22
1500
MV31026
10.0
13.1
22
1500
Gamma = 1.00
Part
Number
CT @4 V
± 10%
(pF)1, 3, 4
Typ.
CT @2V /
CT @12V5
Min.
VBR @
10 A (V)
Typ.
Q @ -4V2
MV30001
0.6
3.2
15
4000
MV30002
1.0
3.7
15
3000
MV30003
1.2
3.8
15
3000
MV30004
1.5
4.0
15
3000
MV30005
1.8
4.1
15
3000
MV30006
2.2
4.2
15
3000
MV30007
2.5
4.3
15
2500
MV30008
3.0
4.4
15
2500
MV30009
3.6
4.5
15
2000
MV30010
4.5
4.5
15
1500
Part
Number
CT @4 V
± 10%
(pF)1, 3, 4
Typ.
CT @2V /
CT @20V5
Min.
VBR @
10 A (V)
Typ.
Q @ -4V2
MV30011
0.6
3.9
22
4000
MV30012
1.0
4.6
22
3000
MV30013
1.2
4.9
22
3000
MV30014
1.5
5.2
22
3000
MV30015
1.8
5.4
22
3000
MV30016
2.2
5.6
22
3000
MV30017
2.5
5.8
22
2500
MV30018
3.0
6.0
22
2500
MV30019
3.6
6.1
22
2000
MV30020
4.5
6.3
22
1500
Gamma = 0.75
Part
Number
CT @ 4 V
± 10%
(pF)1, 3, 4
Typ.
CT@2V /
CT@20V5
Min.
VBR @
10 A (V)
Typ.
Q @ -4 V2
MV32001
0.6
2.8
22
4000
MV32002
1.0
3.1
22
3000
MV32003
1.2
3.2
22
3000
MV32004
1.5
3.3
22
3000
MV32005
1.8
3.4
22
3000
MV32006
2.2
3.5
22
3000
MV32007
2.5
3.6
22
2500
MV32008
3.0
3.6
22
2500
MV32009
3.6
3.7
22
2000
MV32010
4.5
3.8
22
1500



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com