Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS337 Datasheet(PDF) 1 Page - Wing Shing Computer Components

Part # WS337
Description  3-TERMINAL ADJUSTABLE REGULATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

WS337 Datasheet(HTML) 1 Page - Wing Shing Computer Components

  WS337 Datasheet HTML 1Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
General description
The WS337L is an adjustable 3-terminal negative voltage regulator capable of supplying 100mA over a 1.2V to 37V output range. It is
exceptionally easy to use and requires only two external resistors to set the output voltage. Furthermore, both line and load regulation are
better than standard fixed regulators, Also, the WS337L is packaged in a standard TO-92 transistor package which is easy to use.
In addition to higher performance than fixed regulators, the WS337L offers full overload protection. Included on the chip are current limit,
thermal overload protection and safe area protection. All overload protection circuitry remains fully functional even if the adjustment
terminal is disconnected.
Normally, only a single 1 μF solid tantalum output capacitor is needed unless the device is situated more than 6 inches from the input
filter capacitors, in which case an input bypass is needed. A larger output capacitor can be added to improve transient response, the
adjustment terminal can be bypassed to achieve very high ripple rejection ratios which are difficult to achieve with standard 3-terminal
regulators.
Besides replacing fixed regulators, the WS337L is useful in a wide variety of other applications. Since the regulator is “floating” and sees
only the input-to-output differential is not exceeded.
Also, it makes an especially simple adjustable switching regulator, a programmable output regulator, or by connecting a fixed resistor
between the adjustment and output, the WS337L can be used as a precision current regulator. Supplies with electronic shutdown can be
achieved by clamping the adjustment terminal to ground that program the output to 1.2V where most loads draw little current.
The WS337L is available in a standard TO-92 transistor package and a SO-8 surface mount package. The WS337 is rated for operation
over a 0℃ to + 70℃ range.
FEATURES
♦
Adjustable output down to 1.2V
♦
Guaranteed 100mA output current
♦
Line regulation typically 0.01%/V
♦
Load regulation typically 0.1%
♦
Current limit constant with temperature
♦
Eliminates the need to stock many voltages
♦
Standard 3-lead transistor package
♦
80 dB ripple rejection
! Output is short circuit protected
ELECTRICAL CHARACTERISTICS ♠1
Power dissipation
Internally Limited
Input-Output Voltage Differential
40v
Operating Junction
Temperature Range
–0℃
℃
℃
℃ to +70℃
℃
℃
℃
Storage Temperature
–55℃
℃
℃
℃ to +150℃
℃
℃
℃
Lead Temperature
Plastic Package (Soldiering 4 sec.)
260℃
℃
℃
℃
ESD rating to be determined.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ADJUSTMENT PIN CURRENT
50
100
μ
A
ADJUSTMENT PIN CURRENT CHANGE
5mA≦I
OUT≦100mA
3V≦|V
IN-VOUT|≦40V
0.2
5
μ
A
REFERENCE VOLTAGE
3V≦|V
IN-VOUT|≦40V,♠
3
10mA≦I
OUT≦100mA,P≦625MW
-1.3
-1.25
-1.2
V
LINE REGULATION
3V≦|V
IN-VOUT|≦40V♠
2
0.02
0.07
%/V
LOAD REGULATION
5mA≦I
OUT≦100mA♠
2
0.3
1.5
%
TEMPERATURE STABILITY
T
MIN≦TJ≦TMAX
0.65
%
|
V
IN-VOUT|≦40V
3.5
5
mA
MINIMUM LOAD CURRENT
3V≦|V
IN-VOUT|≦15V
2.2
3.5
mA
100
200
320
mA
CURRENT LIMIT
3V≦|V
IN-VOUT|≦13V
|
V
IN-VOUT|=40V|
25
50
120
mA
RMS OUTPUT NOISE, % OF VOUT
T
A=25℃, 10HZ-f-10KHZ
0.03
%
65
dB
RIPPLE REJECTION RATIO
V
OUT=-10V,F=120HZ, CADJ=0
C
ADJ=10μF
66
80
dB
LONG-TERM STABILITY
T
A=70℃
0.3
1
%
♠1
: Unless otherwise specified, these specifications apply 0℃≤ T J≤ 70 ℃ for the WS337L; VIN-VOUT = 5v and IOUT = 40mA. Although
power dissipation is internally limited, these specifications are applicable for power dissipation up to 625mW. IMAX is 100mA.
♠2
: Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specification for thermal regulation.
♠3
: Thermal resistance of the TO-92 package is 180℃/W junction to ambient with 0.4” leads from a PC board and 160℃/W junction to
ambient with 0.125” lead length to PC board. The M package θJA is 180℃/W in still air
Wing Shing Computer Components Co., (H.K.)Ltd.
Tel:(852)2341 9276
Fax:(852)2797 8153
Homepage: http://www.wingshing.com
E-mail:
wsccltd@hkstar.com
TO-92 WS337L
WS337L
3-TERMINAL ADJUSTABLE REGULATORS
INPUT
OUTPUT
ADJ
A
I
O


Similar Part No. - WS337

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS31 ASM-SENSOR-WS31 Datasheet
3Mb / 54P
Compact OEM sensors for large order volumes
WS31-250-R1K-L35-1 ASM-SENSOR-WS31-250-R1K-L35-1 Datasheet
3Mb / 54P
Compact OEM sensors for large order volumes
WS31-250-R1K-L35-2 ASM-SENSOR-WS31-250-R1K-L35-2 Datasheet
3Mb / 54P
Compact OEM sensors for large order volumes
WS31-500-R1K-L35-1 ASM-SENSOR-WS31-500-R1K-L35-1 Datasheet
3Mb / 54P
Compact OEM sensors for large order volumes
WS31-500-R1K-L35-2 ASM-SENSOR-WS31-500-R1K-L35-2 Datasheet
3Mb / 54P
Compact OEM sensors for large order volumes
More results

Similar Description - WS337

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM137 NSC-LM137 Datasheet
836Kb / 12P
3-Terminal Adjustable Negative Regulators
logo
Texas Instruments
LM237 TI-LM237 Datasheet
273Kb / 10P
3-TERMINAL ADJUSTABLE REGULATORS
TL317 TI-TL317 Datasheet
120Kb / 7P
3-TERMINAL ADJUSTABLE REGULATORS
logo
Wing Shing Computer Com...
LM317 WINGS-LM317 Datasheet
213Kb / 3P
3-TERMINAL ADJUSTABLE REGULATORS
logo
Texas Instruments
LM237 TI-LM237_07 Datasheet
745Kb / 17P
3-TERMINAL ADJUSTABLE REGULATORS
logo
Linear Dimensions Semic...
LND317 LINEAR_DIMENSIONS-LND317 Datasheet
106Kb / 4P
3-Terminal Adjustable Regulators
logo
Texas Instruments
LM337IMP-NOPB TI1-LM337IMP-NOPB Datasheet
2Mb / 22P
3-Terminal Adjustable Negative Regulators
LM237 TI-LM237_15 Datasheet
1Mb / 25P
LMx37 3-Terminal Adjustable Regulators
LM137 TI1-LM137_16 Datasheet
2Mb / 28P
3-Terminal Adjustable Negative Regulators
LM137QML TI1-LM137QML_16 Datasheet
833Kb / 22P
3-Terminal Adjustable Negative Regulators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com