Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX707C/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX707C/D
Description  Low-Cost, μP Supervisory Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX707C/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX707C/D Datasheet HTML 4Page - Maxim Integrated Products MAX707C/D Datasheet HTML 5Page - Maxim Integrated Products MAX707C/D Datasheet HTML 6Page - Maxim Integrated Products MAX707C/D Datasheet HTML 7Page - Maxim Integrated Products MAX707C/D Datasheet HTML 8Page - Maxim Integrated Products MAX707C/D Datasheet HTML 9Page - Maxim Integrated Products MAX707C/D Datasheet HTML 10Page - Maxim Integrated Products MAX707C/D Datasheet HTML 11Page - Maxim Integrated Products MAX707C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Low-Cost, µP Supervisory Circuits
_______________________________________________________________________________________
9
__Ordering Information (continued)
8 CERDIP**
-55°C to +125°C
MAX813LMJA
8 Plastic DIP
0°C to +70°C
MAX708CPA
8SO
0°C to +70°C
MAX708CSA
Dice*
0°C to +70°C
MAX708C/D
8 Plastic DIP
-40°C to +85°C
MAX708EPA
8SO
-40°C to +85°C
MAX708ESA
8 CERDIP**
-55°C to +125°C
MAX708MJA
8 Plastic DIP
0°C to +70°C
MAX813LCPA
8SO
0°C to +70°C
MAX813LCSA
Dice*
0°C to +70°C
MAX813LC/D
8 Plastic DIP
-40°C to +85°C
MAX813LEPA
8SO
-40°C to +85°C
MAX813LESA
8 CERDIP**
-55°C to +125°C
MAX707MJA
8SO
-40°C to +85°C
MAX707ESA
8 Plastic DIP
-40°C to +85°C
MAX707EPA
Dice*
0°C to +70°C
MAX707C/D
8SO
0°C to +70°C
MAX707CSA
8 Plastic DIP
0°C to +70°C
MAX707CPA
8 CERDIP**
-55°C to +125°C
MAX706MJA
8SO
-40°C to +85°C
MAX706ESA
8 Plastic DIP
-40°C to +85°C
MAX706EPA
8 CERDIP**
-55°C to +125°C
MAX705MJA
8SO
-40°C to +85°C
MAX705ESA
8 Plastic DIP
-40°C to +85°C
MAX705EPA
PIN-PACKAGE
TEMP RANGE
PART
Dice*
0°C to +70°C
MAX706C/D
8SO
0°C to +70°C
MAX706CSA
8 Plastic DIP
0°C to +70°C
MAX706CPA
8 µMAX
0°C to +70°C
MAX706CUA
8 µMAX
0°C to +70°C
MAX707CUA
8 µMAX
0°C to +70°C
MAX708CUA
8 µMAX
0°C to +70°C
MAX813LCUA
_____Pin Configurations (continued)
TOP VIEW
1
2
3
4
8
7
6
5
WDO
RESET
WDI
PFO
PFI
PFI
VCC
MR
µMAX
MAX705
MAX706
MAX813L
1
2
3
4
8
7
6
5
N.C.
GND
GND
VCC
MR
µMAX
MAX707
MAX708
( ) ARE FOR MAX813L ONLY.
(RESET) RESET
PFO
RESET
____________________Chip Topography
( ) ARE FOR MAX813L ONLY.
TRANSISTOR COUNT: 572
SUBSTRATE MUST BE LEFT UNCONNECTED.
RESET (RESET)
GND
WDO/RESET
PFI
0.051"
(1.30mm)
0.074"
(1.88mm)
WDI/N.C.
PFO
VCC MR
8 µMAX
-40°C to +85°C
MAX705EUA
8 µMAX
-40°C to +85°C
MAX706EUA
8 µMAX
-40°C to +85°C
MAX707EUA
8 µMAX
-40°C to +85°C
MAX708EUA
8 µMAX
-40°C to +85°C
MAX813LEUA
*
Dice are specified at TA = +25°C.
**
Contact factory for availability and processing to MIL-STD-883.
Devices in PDIP, SO and µMAX packages are available in both
leaded and lead-free packaging. Specify lead free by adding
the + symbol at the end of the part number when ordering.
Lead free not available for CERDIP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com