Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16801B Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX16801B
Description  Offline and DC-DC PWM Controllers for High-Brightness LED Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16801B Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX16801B Datasheet HTML 1Page - Maxim Integrated Products MAX16801B Datasheet HTML 2Page - Maxim Integrated Products MAX16801B Datasheet HTML 3Page - Maxim Integrated Products MAX16801B Datasheet HTML 4Page - Maxim Integrated Products MAX16801B Datasheet HTML 5Page - Maxim Integrated Products MAX16801B Datasheet HTML 6Page - Maxim Integrated Products MAX16801B Datasheet HTML 7Page - Maxim Integrated Products MAX16801B Datasheet HTML 8Page - Maxim Integrated Products MAX16801B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Offline and DC-DC PWM Controllers for
High-Brightness LED Drivers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = +12V (MAX16801: VIN must first be brought up to +23.6V for startup), 10nF bypass capacitors at IN and VCC, CNDRV = 0µF,
VUVLO = +1.4V, VDIM/FB = +1.0V, COMP = unconnected, VCS = 0V, TA = -40°C to +85°C, unless otherwise noted. Typical values are
at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND..........................................................................-0.3V to +30V
VCC to GND ......................................................................-0.3V to +13V
DIM/FB, COMP, UVLO, CS to GND..........................-0.3V to +6V
NDRV to GND.............................................-0.3V to (VCC + 0.3V)
Continuous Power Dissipation (TA = +70°C)
8-Pin µMAX (derate 4.5mW/°C above +70°C) ..............362mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range ............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
UNDERVOLTAGE LOCKOUT/STARTUP
Bootstrap UVLO Wake-Up Level
VSUVR
VIN rising (MAX16801 only)
19.68
21.6
23.60
V
Bootstrap UVLO Shutdown Level
VSUVF
VIN falling (MAX16801 only)
9.05
9.74
10.43
V
UVLO/EN Wake-Up Threshold
VULR2
UVLO/EN rising
1.188
1.28
1.371
V
UVLO/EN Shutdown Threshold
VULF2
UVLO/EN falling
1.168
1.23
1.291
V
UVLO/EN Input Current
IUVLO
TJ = +125°C
25
nA
UVLO/EN Hysteresis
50
mV
IN Supply Current In
Undervoltage Lockout
ISTART
VIN = +19V, for MAX16801 only when in
bootstrap UVLO
45
90
µA
IN Voltage Range
VIN
10.8
24
V
tEXTR
UVLO/EN steps up from +1.1V to +1.4V
12
UVLO/EN Propagation Delay
tEXTF
UVLO/EN steps down from +1.4V to +1.1V
1.8
µs
tBUVR
VIN steps up from +9V to +24V
5
Bootstrap UVLO Propagation
Delay
tBUVF
VIN steps down from +24V to +9V
1
µs
INTERNAL SUPPLY
VCC Regulator Set Point
VCCSP
VIN = +10.8V to +24V, sinking 1µA to 20mA
from VCC
7
10.5
V
IN Supply Current After Startup
IIN
VIN = +24V
1.4
2.5
mA
Shutdown Supply Current
UVLO/EN = low
90
µA
GATE DRIVER
RON(LOW)
Measured at NDRV sinking, 100mA
2
4
Driver Output Impedance
RON(HIGH) Measured at NDRV sourcing, 20mA
4
12
Ω
Driver Peak Sink Current
1A
Driver Peak Source Current
0.65
A
PWM COMPARATOR
Comparator Offset Voltage
VOPWM
VCOMP - VCS
1.15
1.38
1.70
V
CS Input Bias Current
ICS
VCS = 0V
-2
+2
µA
Comparator Propagation Delay
tPWM
VCS = +0.1V
60
ns
Minimum On-Time
tON(MIN)
150
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com