Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM0831CD Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM0831CD
Description  8-Bit ADCs with Serial Interface and Differential or Dual Inputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM0831CD Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM0831CD Datasheet HTML 4Page - Wolfson Microelectronics plc WM0831CD Datasheet HTML 5Page - Wolfson Microelectronics plc WM0831CD Datasheet HTML 6Page - Wolfson Microelectronics plc WM0831CD Datasheet HTML 7Page - Wolfson Microelectronics plc WM0831CD Datasheet HTML 8Page - Wolfson Microelectronics plc WM0831CD Datasheet HTML 9Page - Wolfson Microelectronics plc WM0831CD Datasheet HTML 10Page - Wolfson Microelectronics plc WM0831CD Datasheet HTML 11Page - Wolfson Microelectronics plc WM0831CD Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Wolfson Microelectronics
8
WM0831, WM0832
Performance Data (typical)
Test conditions: VCC = 5V. VREF = 5V, Temp = 25oC, FCLK = 250KHz
WM0831: Total Unadjusted Error
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
0
32
64
96
128
160
192
224
256
Code
WM0832: Total Unadjusted Error
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
0
32
64
96
128
160
192
224
256
Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com