Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1090M Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MSC1090M
Description  RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSC1090M Datasheet(HTML) 2 Page - Microsemi Corporation

  MSC1090M Datasheet HTML 1Page - Microsemi Corporation MSC1090M Datasheet HTML 2Page - Microsemi Corporation MSC1090M Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MSC1090M
Microsemi reserves the right to change, without notice, the specifications and information contained
herein. Visit our web site at www.microsemi.com or contact our factory direct.
ELECTRICAL SPECIFICATIONS (Tcase = 25
°C)
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Units
BVCBO
IC = 10 mA
IE = 0 mA
65
---
---
V
BVCER
IC = 10 mA
RBE = 10Ω
65
---
---
V
BVEBO
IE = 1 mA
IC = 0 mA
3.5
---
---
V
ICES
VCE = 50 V
---
---
6.25
mA
HFE
VCE = 5 V
IC = 500 mA
15
---
120
---
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Units
POUT
f =1025 - 1150 MHz
PIN = 13W
VCE =50V
90
---
---
W
η
C
f =1025 - 1150 MHz
PIN = 13W
VCE =50V
35
---
---
%
GP
f =1025 - 1150 MHz
PIN = 13W
VCE =50V
8.4
---
---
dB
Conditions
Pulse Width = 10
µs Duty Cycle = 1%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com