Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB50412C Datasheet(PDF) 2 Page - Microsemi Corporation

Part # USB50412C
Description  Bidirectional TVSarray ?
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

USB50412C Datasheet(HTML) 2 Page - Microsemi Corporation

  USB50412C Datasheet HTML 1Page - Microsemi Corporation USB50412C Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bidirectional TVSarray ™
S C O T TS DALE DIVISION
USB50403C thru USB50424C, e3
SYMBOLS & DEFINITIONS
Microsemi
Scottsdale Division
Page 2
Copyright
© 2005
6-28-2005 REV K
Symbol
Definition
VWM
Stand Off Voltage: Maximum dc voltage that can be applied over the operating temperature range.
Vwm must be selected to be equal or be greater than the operating voltage of the line to be protected.
V
Minimum Breakdown Voltage: The minimum voltage the device will exhibit at a specified current
BR
Clamping Voltage: Maximum clamping voltage across the TVS device when subjected to a given current at a
pulse time of 20
µs.
VC
I
Standby Current: Leakage current at V
D
WM.
C
Capacitance: Capacitance of the TVS as defined @ 0 volts at a frequency of 1 MHz and stated in picofarads.
GRAPHS
8/20µs 500W Pulse
Figure 1
Figure 2
Peak Pulse Power Vs Pulse Time t = µsec
Pulse Wave Form
OUTLINE AND SCHEMATIC
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
0.070
0.080
1.78
2.03
B
0.047
0.053
1.20
1.40
C
0.027
0.033
0.69
0.84
C1
0.012
0.018
0.30
0.46
D
0.107
0.113
2.72
2.87
E
0.042
0.045
1.07
1.14
PAD LAYOUT
SCHEMATIC
F
0.067
0.079
1.70
2.01
G
0.002
0.008
0.051
0.20
H
0.003
0.009
0.076
0.23
I
0.018
0.023
0.46
0.58
J
0.083
0.093
2.11
2.36
OUTLINE
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com