Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM8532 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM8532
Description  Rail-to-Rail Input/Output Dual Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM8532 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM8532 Datasheet HTML 2Page - New Japan Radio NJM8532 Datasheet HTML 3Page - New Japan Radio NJM8532 Datasheet HTML 4Page - New Japan Radio NJM8532 Datasheet HTML 5Page - New Japan Radio NJM8532 Datasheet HTML 6Page - New Japan Radio NJM8532 Datasheet HTML 7Page - New Japan Radio NJM8532 Datasheet HTML 8Page - New Japan Radio NJM8532 Datasheet HTML 9Page - New Japan Radio NJM8532 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NJM8532
■ TYPICAL CHARACTERISTICS
Maximum Output Voltage vs. Load Resistance
(correlation with Ta)
V
+/V-=±2.5V, Gv=open, R
L to 0V
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
10
100
1000
10000
100000
Load Resistance [
Ω]
Ta=85ºC
Ta=25ºC
Ta=-40ºC
1k
10k
100k
Ta=85ºC
Ta=-40ºC
Ta=25ºC
Maximum Output Voltage vs. Ambient Temperature
Gv=open, RL to 0V
-10
-8
-6
-4
-2
0
2
4
6
8
10
-50
-25
0
25
50
75
100
125
Ambient Temperature [ºC]
V
+/V-=±2.5V, R
L=2kΩ
V
+/V-=±7.0V, R
L=2kΩ
V
+/V-=±7.0V, R
L=20kΩ
V
+/V-=±2.5V, R
L=20kΩ
V
+/V-=±7.0V, R
L=2kΩ
V
+/V-=±7.0V, R
L=20kΩ
V
+/V-=±2.5V, R
L=20kΩ
V
+/V-=±2.5V, R
L=2kΩ
Maximum Output Voltage vs. Output Current
(correlation with Ta)
V
+/V-=±2.5V, G
V=OPEN
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
0.1
1
10
100
Output Current [mA]
Ta=85ºC
Ta=-40ºC
ISINK
ISOURCE
Ta=85ºC
Ta=25ºC
Ta=25ºC
Ta=-40ºC
Voltage Gain vs. Ambient Temperature
RL=2kΩ to 0V
0
20
40
60
80
100
120
-50
-25
0
25
50
75
100
125
Ambient Temperature [ºC]
V
+/V-=±2.5V
V
+/V-=±5.0V
V
+/V-=±7.0V
Common Mode Rejection Ratio
vs. Ambient Temperature
VICM=0V to 1/2V
+
0
20
40
60
80
100
120
140
-50
-25
0
25
50
75
100
125
Ambient Temperature [ºC]
V
+=10V
V
+=5V
V
+=14V
Supply Voltage Rejection Ratio
vs. Ambient Temperature
VICM=1/2V
+
0
20
40
60
80
100
120
-50
-25
0
25
50
75
100
125
Ambient Temperature [ºC]
V
+=1.8V to 5V
V
+=1.8V to 10V
V
+=1.8V to 14V
Ver.2010-01-27
- 7 -



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com