Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU8758 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU8758
Description  Analog Signal Input Monaural 1.5W Filterless Class D Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU8758 Datasheet(HTML) 7 Page - New Japan Radio

  NJU8758 Datasheet HTML 1Page - New Japan Radio NJU8758 Datasheet HTML 2Page - New Japan Radio NJU8758 Datasheet HTML 3Page - New Japan Radio NJU8758 Datasheet HTML 4Page - New Japan Radio NJU8758 Datasheet HTML 5Page - New Japan Radio NJU8758 Datasheet HTML 6Page - New Japan Radio NJU8758 Datasheet HTML 7Page - New Japan Radio NJU8758 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NJU3555
NJU3555
NJU8758
-7-
Ver.2009-11-10
(8) AC CHARACTERISTICS
(Ta=25
°C, VDD= VDDL= VDDR=3.3V, Input Signal=1kHz, Input Signal Level=200mVrms, Load Impedan
ce=8Ω,)
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Output Power
Efficiency
EEFF
THD+N=10 %
-
80
-
%
THD+N
THD+N
PO=200 mW
-
0.05
-
%
VDD=VDDO=3.3 V
THD+N=10 %
-
0.66
-
W
Output Power
PO
VDD=VDDO=5.0 V
THD+N=10 %
-
1.5
-
W
S/N
S/N
A-weight
VDD=VDDO=5.0 V
-
84
-
dB
Test system of the output THD
Output THD
Test System
NJU8758
Filters
20kHz(AES17)
THD
METER
NJU8758 Evaluation Board
Audio Analyzer
AUX-0025
LPF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com