Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM0838CDW Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM0838CDW
Description  8-Bit ADCs with Serial Interface and Configurable Input Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM0838CDW Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM0838CDW Datasheet HTML 8Page - Wolfson Microelectronics plc WM0838CDW Datasheet HTML 9Page - Wolfson Microelectronics plc WM0838CDW Datasheet HTML 10Page - Wolfson Microelectronics plc WM0838CDW Datasheet HTML 11Page - Wolfson Microelectronics plc WM0838CDW Datasheet HTML 12Page - Wolfson Microelectronics plc WM0838CDW Datasheet HTML 13Page - Wolfson Microelectronics plc WM0838CDW Datasheet HTML 14Page - Wolfson Microelectronics plc WM0838CDW Datasheet HTML 15Page - Wolfson Microelectronics plc WM0838CDW Datasheet HTML 16Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Wolfson Microelectronics
16
WM0834, WM0838
Package Descriptions
Notes:
A. Dimensions are in inches
B. Falls within JEDEC MS-001( 20 pin package is shorter than MS-001)
C.
N is the maximum number of terminals
D. All end pins are partial width pins as shown, except the 14 pin package which is full width.
Dimension 'A' Variations
Dual-In-Line Package
N or P
Rev. 1 November 96
NMin
Max
8
0.355
0.400
14
0.735
0.775
16
0.735
0.775
20
0.940
0.975
0.210 Max.
0.070 Max.
0.045
0.030
0.022
0.014
0.015
Min.
0.150
0.115
0.005
Min.
Pin spacing
0.100 B.S.C.
1
N
Seating
plane
0.280
0.240
0.325
0.290
0.014
0.008
105
90
O
O
N/2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com