Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA803D Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDA803D
Description  HIGH RELIABILITY 20 AMP, 50 - 300 VOLTS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA803D Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDA803D Datasheet HTML 1Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDA803
__ __
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Peak Inverse Voltage (per leg)
│
│
│
│
│
└
A = 50V
B = 100V
C = 200V
D = 300V
SDA803A thru SDA803D
HIGH RELIABILITY
20 AMP, 50 – 300 VOLTS
ULTRA FAST RECOVERY
SINGLE PHASE BRIDGE RECTIFIER ASSEMBLY
FEATURES:
•
Ultra Fast Reverse Recovery Time 50 ns Max
•
Average Output Current 20 Amps @ 55OC
•
Max. Thermal Resistance 4.0OC/Watt
•
Aluminum Case Provides Maximum Thermal
Conductivity
•
Hermetically Sealed Diode Cells
•
Turret Terminals
•
Available in Standard, Fast, and Hyper Fast
Versions
•
TX, TXV, and S-Level Screening Available
ELECTRICAL CHARACTERISTICS 3/
Part Number
Peak
Inverse
Voltage
(per leg)
Sine Wave
RMS
Input
Voltage
Max.
Reverse
4/
Recovery
Time
Average DC
Output Current
TC=Case Temp
Average DC Output
Current
TA= Ambient Temp
(no heat sink)
Peak
Forward
Surge
Current
(1 Cycle)
Peak
Repetitive
Forward
Current
Maximum
Forward
Voltage
(per leg) @
6 ADC
Maximum
Reverse Current
(per leg)
@ PIV
Symbol
PIV
Vr
Trr
IF (AV)
IF (AV)
IFSM
IFRM
VF
IR
Units
Volts
Volts
ns
Amps
Amps
Amps
Amps
Volts
μA
Conditions
Max
55
oC100oC
55
oC
100
oC
25
oC
100
oC
SDA803A
50
43.7
50
20
14
6.0
3.4
125
60
0.95
5
200
SDA803B
100
87.5
50
20
14
6.0
3.4
125
60
0.95
5
200
SDA803C
200
175
50
20
14
6.0
3.4
125
60
0.95
5
200
SDA803D
300
262
50
20
14
6.0
3.4
125
60
0.95
5
200
SDA803A thru SDA803D:
NOTES:
1/ For Ordering Information, Price, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4/ Recovery Conditions: I
F = 0.5 Amp, IR = 1.0 Amp rec. to .25 Amp.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0040A
DOC


Similar Part No. - SDA803D

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA803 SSDI-SDA803 Datasheet
95Kb / 1P
20AMP BRIDGE RECTIFIER ASSEMBLY
SDA803B SSDI-SDA803B Datasheet
95Kb / 1P
20AMP BRIDGE RECTIFIER ASSEMBLY
More results

Similar Description - SDA803D

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR30020CT MCC-MBR30020CT Datasheet
132Kb / 3P
300 Amp Rectifier 20 to 100 Volts Schottky Barrier
MBR5020WT MCC-MBR5020WT Datasheet
755Kb / 2P
50 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Solid States Devices, I...
SDR953 SSDI-SDR953 Datasheet
216Kb / 2P
50 AMP 300 - 500 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR953-61 SSDI-SDR953-61 Datasheet
215Kb / 2P
50 AMP 300 - 500 VOLTS 35 nsec HYPER FAST RECTIFIER
SHF1100SM SSDI-SHF1100SM Datasheet
199Kb / 2P
1 AMP 50 - 300 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR643CTS1 SSDI-SDR643CTS1 Datasheet
80Kb / 2P
50 AMP 300-700 Volts 35 nsec Centertap Rectifier
SDA480AD SSDI-SDA480AD Datasheet
136Kb / 2P
HIGH RELIABILITY 20 AMP, 50 ??300 VOLTS
RC0146C SSDI-RC0146C Datasheet
107Kb / 2P
20 AMP Ultra Fast Rectifier 300 - 600 Volts
SDR2030UF SSDI-SDR2030UF Datasheet
103Kb / 2P
20 AMP Ultra Fast Rectifier 300 - 600 Volts 45 nsec
logo
ON Semiconductor
MMBF2201N ONSEMI-MMBF2201N Datasheet
103Kb / 4P
Power MOSFET 300 mAmps, 20 Volts
August, 2013 ??Rev. 7
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com