Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVR137AMDBTXV Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SVR137AMDBTXV
Description  1.5 AMP Negative Adjustable Linear Voltage Regulator 40 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SVR137AMDBTXV Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SVR137AMDBTXV Datasheet HTML 1Page - Solid States Devices, Inc SVR137AMDBTXV Datasheet HTML 2Page - Solid States Devices, Inc SVR137AMDBTXV Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: LA0011A
DOC
ELECTRICAL CHARACTERISTICS3/
t°
Symbol
Min
Typ
Max
Unit
Reference Voltage
aV=5V, IOUT=10mA
10mA≤ IOUT≤IMAX, 3V≤ΔV≤40V, P≤PMAX
25
*
VREF
-1.225
-1.200
-1.250
-1.250
-1.275
-1.300
V
Line Regulation
4/
(3V≤ΔV≤40V)
25
*
ΔVOUT
ΔVIN
--
--
0.01
0.02
0.02
0.05
%/V
Load Regulation
4/
(10mA≤ IOUT≤IMAX)
25
*
ΔVOUT
ΔVIN
--
--
0.3
0.3
0.5
1.0
%
%
Thermal Regulation
20 msec Pulse
25
--
.002
.02
%/W
Ripple Rejection
VOUT = -10V, f = 120Hz
CADJ = 0
CADJ = 10µF
25
25
--
66
60
77
--
--
dB
Adjust Pin Current
*
IADJ
--
65
100
μA
Adjust Pin Current Change
10mA≤ IOUT≤IMAX, 3.0V≤ΔV≤40V
25
Δ IADJ
--
2
5
μA
Minimum Load Current
ΔV≤40V
ΔV≤10V
*
--
2.5
1.2
5.0
3.0
mA
Current Limit
ΔV≤15V
ΔV≤40V
*
25
IL
1.5
0.24
2.2
0.4
-
-
A
Temperature Stability
-55°C≤TJ≤+150°C
*
ΔVOUT
ΔT
--
0.6
--
%
Long Term Stability (1000hrs)
125
ΔVOUT
ΔVtime
--
0.3
1.0
%
RMS Output Noise
(% of VOUT)
10Hz ≤ f ≤ 10kHz
25
en
--
0.003
--
%
Thermal Resistance
Junction to Case
Package J, M, and Z
Package G, S.5
RθJC
--
--
--
--
4.0
2.5
°C/W
Notes:
*Full Temperature Range
1/ For ordering information, price, operating curves, and availability, contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Unless otherwise specified, these specifications apply:
a V = 5V and IOUT = 0.5A. Power dissipation is internally limited. However,
these specifications apply for power dissipation up to 20W, IMAX = 1.5A.
4/ Testing is done using a pulsed low duty cycle technique.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SVR137A Series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com