Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA480ED Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDA480ED
Description  HIGH RELIABILITY 20 AMP, 50 ??300 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA480ED Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDA480ED Datasheet HTML 1Page - Solid States Devices, Inc SDA480ED Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SDA480AD through SDA480FP*:
FIGURE 1:
*For information on curves, contact the Factory Representative for Engineering Assistance.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDA480AD thru SDA480FP
ELECTRICAL CHARACTERISTICS (Per Leg)
Part Number
Max Full Cycle Forward
Voltage Drop, Averaged
Over Full Cycle
Max Instantaneous Forward
Voltage Drop
Max Full Cycle Reverse
Leakage Current, Averaged
Over Full Cycle
Max Reverse Leakage
Current
Max Junction
Capacitance
Symbol
VF (AV)
VF
IR (AV)
IR
CJ
Units
Vdc
Vdc
μAdc
μAdc
pf
Conditions
IO (Max), 60hz Square
Wave,
TC = 55
°C
If = 6 Amps,
TC = 25
°C , 300us Pulse
Rated VR, 60Hz, Square
Wave, TC = 25
°C
Rated VR ,
TC = 100
°C
VR = 10V,
TC = 25
°C
SDA480A(*)
0.5
0.95
5
200
100
SDA480B(*)
0.5
0.95
5
200
100
SDA480C(*)
0.5
0.95
5
200
100
SDA480D(*)
0.5
0.95
5
200
100
SDA480E(*)
0.5
0.95
5
200
100
SDA480F(*)
0.5
0.95
5
200
100
* N, P, or D- Terminal Configurations:
See Figure 1.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com