Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2617 Datasheet(PDF) 2 Page - Wolfson Microelectronics plc

Part # WM2617
Description  Dual 10-Bit Serial DAC with Power Down
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2617 Datasheet(HTML) 2 Page - Wolfson Microelectronics plc

  WM2617 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2617 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2617 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2617 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2617 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2617 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2617 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2617 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2617 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
WM2617
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.1 October 2000
2
PIN CONFIGURATION
1
2
3
4
NCS
DIN
SCLK
AGND
REFIN
OUTA
VDD
OUTB
5
6
7
8
PIN DESCRIPTION
PIN NO
NAME
TYPE
DESCRIPTION
1
DIN
Digital input
Serial data input.
2
SCLK
Digital input
Serial clock input.
3
NCS
Digital input
Chip select, active low.
4
OUTB
Analogue output
DAC B analogue output.
5
AGND
Supply
Analogue ground.
6
REFIN
Analogue input
Reference voltage input.
7
OUTA
Analogue output
DAC A analogue output.
8
VDD
Supply
Positive power supply.
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at
or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
CONDITION
MIN
MAX
Supply voltage, VDD to AGND
7V
Digital input voltage
-0.3V
VDD + 0.3V
Reference input voltage
-0.3V
VDD + 0.3V
Operating temperature range, TA
WM2617CD
WM2617ID
0
°C
-40
°C
70
°C
85
°C
Storage temperature
-65
°C
150
°C
Lead temperature 1.6mm (1/16 inch) soldering for 10 seconds
260
°C
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply voltage
VDD
2.7
5.5
V
High-level digital input voltage
VIH
VDD = 5V
2
V
Low-level digital input voltage
VIL
VDD = 5V
0.8
V
Reference voltage to REFIN
VREF
VDD - 1.5
V
Load resistance
RL
2k
Ω
Load capacitance
CL
100
Serial Clock Rate
fSCLK
20
WM2637CD
0
70
°C
Operating free-air temperature
TA
WM2637ID
-40
85
°C
Note: Reference voltages greater than VDD/2 will cause saturation for large DAC codes.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com