Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2618 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM2618
Description  Dual 12-Bit Serial Input Voltage Output DAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2618 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM2618 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2618 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2618 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2618 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2618 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2618 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2618 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2618 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2618 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
WM2618
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.1 October 2000
4
Notes:
1.
Integral non-linearity (INL) is the maximum deviation of the output from the line between zero and full scale
(excluding the effects of zero code and full scale errors).
2.
Differential non-linearity (DNL) is the difference between the measured and ideal 1LSB amplitude change of any
adjacent two codes. A guarantee of monotonicity means the output voltage changes in the same direction (or
remains constant) as a change in digital input code.
3.
Zero code error is the voltage output when the DAC input code is zero.
4.
Gain error is the deviation from the ideal full scale output excluding the effects of zero code error.
5.
Power supply rejection ratio is measured by varying VDD from 4.5V to 5.5V and measuring the proportion of this
signal imposed on the zero code error and the gain error.
6.
Zero code error and Gain error temperature coefficients are normalised to full scale voltage.
7.
Output load regulation is the difference between the output voltage at full scale with a 10k
Ω load and 2kΩ load. It
is expressed as a percentage of the full scale output voltage with a 10k
Ω load.
8.
IDD is measured while continuously writing code 2048 to the DAC. For VIH < VDD - 0.7V and VIL > 0.7V supply
current will increase.
9.
Slew rate results are for the lower value of the rising and falling edge slew rates.
10.
Settling time is the time taken for the signal to settle to within 0.5LSB of the final measured value for both rising
and falling edges. Limits are ensured by design and characterisation, but are not production tested.
SERIAL INTERFACE
NCS
SCLK
DIN
D15
D14
D13
D12
D11
D0
t
SUCSS
t
WCL
t
WCH
t
SUCS1
t
SUCS2
t
HDCLK
t
SUDCLK
Figure 1 Timing Diagram
Test Conditions:
RL = 10k
Ω, CL = 100pF. VDD = 5V
± 10%, V
REF = 2.048V and VDD = 3V
± 10%, V
REF = 1.024V over recommended
operating free-air temperature range (unless noted otherwise)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tSUCSS
Setup time NCS low before SCLK low
5ns
tSUSCS1
Setup time, falling edge of SCLK to rising edge of
NCS, external end of write
10
ns
tSUSCS2
Setup time, rising edge of SCLK to falling edge of
NCS, start of next write cycle
5ns
tWCL
Pulse duration, SCLK high
25
ns
tWCH
Pulse duration, SCLK low
25
ns
tSUDCLK
Setup time, data ready before SCLK falling edge
5ns
tHDCLK
Hold time, data held valid after SCLK falling edge
5ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com