Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2618CD Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM2618CD
Description  Dual 12-Bit Serial Input Voltage Output DAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2618CD Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM2618CD Datasheet HTML 2Page - Wolfson Microelectronics plc WM2618CD Datasheet HTML 3Page - Wolfson Microelectronics plc WM2618CD Datasheet HTML 4Page - Wolfson Microelectronics plc WM2618CD Datasheet HTML 5Page - Wolfson Microelectronics plc WM2618CD Datasheet HTML 6Page - Wolfson Microelectronics plc WM2618CD Datasheet HTML 7Page - Wolfson Microelectronics plc WM2618CD Datasheet HTML 8Page - Wolfson Microelectronics plc WM2618CD Datasheet HTML 9Page - Wolfson Microelectronics plc WM2618CD Datasheet HTML 10Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
WM2618
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.1 October 2000
6
DEVICE DESCRIPTION
GENERAL FUNCTION
The device uses a resistor string network buffered with an op amp to convert 12-bit digital
data to analogue voltage levels (see Block Diagram). The output voltage is determined by the
reference input voltage and the input code according to the following relationship:
Output voltage =
()
4096
CODE
V
2
REF
INPUT
OUTPUT
1111
1111
1111
()
4096
4095
V
2
REF
::
1000
0000
0001
()
4096
2049
V
2
REF
1000
0000
0000
()
REF
REF
V
4096
2048
V
2
=
0111
1111
1111
()
4096
2047
V
2
REF
::
0000
0000
0001
()
4096
1
V
2
REF
0000
0000
0000
0V
Table 1 Binary Code Table (0V to 2VREFIN Output), Gain = 2
POWER ON RESET
An internal power-on-reset circuit resets the DAC registers to all 0s on power-up.
BUFFER AMPLIFIER
The output buffer has a near rail-to-rail output with short circuit protection and can reliably
drive a 2k
Ω load with a 100pF load capacitance.
EXTERNAL REFERENCE
The reference voltage input is buffered which makes the DAC input resistance independent
of code. The REFIN input resistance is 10M
Ω and the REFIN input capacitance is typically
5pF. The reference voltage determines the DAC full-scale output.
SERIAL INTERFACE
When chip select (NCS) is low, the input data is read into a 16-bit shift register with the input
data clocked in most significant bit first. The falling edge of the SCLK input shifts the data
into the input register. After 16 bits have been transferred, the next rising edge on SCLK or
NCS then transfers the data to the DAC latch. When NCS is high, input data cannot be
clocked into the input register (see Table 2).
SERIAL CLOCK AND UPDATE RATE
Figure 1 shows the device timing. The maximum serial rate is:
fSCLKmax =
MHz
20
t
t
1
min
WCL
min
WCH
=
+
The digital update rate is limited to an 800ns period, or 1.25MHz frequency. However, the
DAC settling time to 12 bits limits the update rate for large input step transitions.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com