Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2619 Datasheet(PDF) 2 Page - Wolfson Microelectronics plc

Part # WM2619
Description  12-bit Parallel Input Voltage Output DAC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2619 Datasheet(HTML) 2 Page - Wolfson Microelectronics plc

  WM2619 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2619 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2619 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2619 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2619 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2619 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2619 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2619 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2619 Datasheet HTML 9Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
WM2619
Production Data
WOLFSON MICROELECTRONICS LTD
Production Data Rev 1.0 June 1999
2
PIN CONFIGURATION
9
10
D10
D11
12
11
REFIN
VDD
20
13
14
15
16
17
18
19
D1
GND
NPD
NLDAC
NWE
NCS
D0
OUT
8
1
2
3
4
5
6
7
D9
D3
D4
D5
D6
D7
D8
D2
PIN DESCRIPTION
PIN NO
NAME
TYPE
DESCRIPTION
1
D2
Digital input
Digital data input.
2
D3
Digital input
Digital data input.
3
D4
Digital input
Digital data input.
4
D5
Digital input
Digital data input.
5
D6
Digital input
Digital data input.
6
D7
Digital input
Digital data input.
7
D8
Digital input
Digital data input.
8
D9
Digital input
Digital data input
9
D10
Digital input
Digital data input.
10
D11
Digital input
Digital data input (MSB).
11
VDD
Supply
Positive power supply.
12
REFIN
Analogue input
Voltage reference input.
13
OUT
Analogue output
Analogue output.
14
GND
Ground
Ground.
15
NPD
Digital input
Power down. Powers down all DACs overriding their individual
power down settings and all output stages. This pin is active low.
16
NLDAC
Digital input
Load DAC. Digital input active low. NLDAC must be taken low to
update the DAC latch from the holding latches.
17
NWE
Digital input
Write enable (active low).
18
NCS
Digital input
Chip select (active low).
19
D0
Digital input
Parallel data input (LSB).
20
D1
Digital input
Parallel data input.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com