Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT5006MDB Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SPT5006MDB
Description  10 AMPS 100 Volts High Power - High Speed NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPT5006MDB Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SPT5006MDB Datasheet HTML 1Page - Solid States Devices, Inc SPT5006MDB Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0113A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPT5006 and SPT5008
Series
Electrical Characteristics
Symbol
Min
Max
Units
Collector – Emitter Blocking Voltage *
(IC = 200 mA)
BVCEO
80
––
Volts
Collector – Base Blocking Voltage
(IC = 200 µA)
BVCBO
100
––
Volts
Emitter – Base Blocking Voltage
(IE = 200 µA)
BVEBO
6
––
Volts
Collector Cutoff Current
(VCE = 40 V)
(VCE = 60 V)
ICEO
ICES
––
––
50
1.0
μA
μA
Collector Cutoff Current
(VCE = 100 V)
(VCE = 60 V, VBE = 2 V, TC = 150ºC)
ICEX
ICEX
––
1.0
500
mA
μA
Emitter Cutoff Current
(VEB = 4 V)
(VEB = 5.5 V)
IEBO
––
––
1.0
1.0
μA
mA
(IC = 100 mA, VCE = 5 V) 2N5006
2N5008
20
50
––
––
(IC = 5 A, VCE = 5 V) 2N5006
2N5008
30
70
90
200
DC Current Gain *
(IC = 10 A, VCE = 5 V)2N5006
2N5008
hFE
20
45
––
––
Collector-Emitter Saturation Voltage *
(IC = 5 A, IB = 500 mA)
(IC = 10 A, IB = 500 mA)
VCE (SAT)
––
––
0.9
1.5
Volts
Base-Emitter Saturation Voltage *
Base – Emitter Voltage*
(IC = 5 A, IB = 500 mA)
(IC = 10 A, IB = 1 A)
(VCE = 5 V, IC = 5 A)
VBE (SAT)
VBE (ON)
––
––
––
1.8
2.2
1.8
Volts
Current Gain – Bandwidth Product
(VCE = 5 V, IC = 0.5 A, f = 20
MHz)
2N5006
2N5008
fT
30
40
––
––
MHz
Output Capacitance
VCB = 10 V, IE = 0 A, f = 1.0MHz
Cob
––
275
pF
Delay Time
Rise Time
t(on)
td
tr
––
––
100
100
ns
ns
Storage Time
Fall Time
(VCC = 40 V, IC = 2 A, VEB (OFF) = 3.0 V, IB1 = IB2 = 200 mA)
(tp = 2
μs)
t(off)
ts
tf
––
––
2.0
200
μs
ns
NOTES:
*
Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screening based on MIL-PRF-19500. Screening flows are available on
request.
3/ For Package Outlines Contact Factory.
4/ Up and Down Bend Configurations are Available for ‘M’ (TO-254)
Packages Only.
5/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
Available Part Numbers:
SPT5006/61, SPT5006/3, SPT5006M, SPT5006MUB, SPT5006MDB, SPT5006S1,
SPT5008/61, SPT5008/3, SPT5008M, SPT5008MUB, SPT5008MDB, SPT5008S1
PIN ASSIGNMENT (Standard)
Package
Collector
Emitter
Base
TO-61 (/61)
Pin 3
Pin 1
Pin 2
TO-3 (/3)
Case
Pin 2
Pin 3
TO-254 (M)
Pin 1
Pin 2
Pin 3
SMD1(S1)
Pin 2
Pin 1
Pin 3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com