Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA188AFCTUFS Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDA188AFCTUFS
Description  50 Amps Centertap Ultra Fast Rectifier Assembly 400 - 900 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA188AFCTUFS Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDA188AFCTUFS Datasheet HTML 1Page - Solid States Devices, Inc SDA188AFCTUFS Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0051A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number/Ordering Information 1/
SDA188 ___ ___ ___
UF
___
└
Screening
2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S
= S Level
│
│
│
│
│
└
Reverse Recovery
UF = Ultra Fast
│
│
│
│
│
│
│
└
Configuration
CT = Common Cathode
CA = Common Anode
D = Doubler
│
│
│
│
│
│
│
│
│
│
│
└
Voltage/Family
D = 400V
E = 600V
F = 800V
G = 900V
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
└
Polarity/Terminal Orientation
C = Polarity C
A = Polarity A
D = Polarity D
SDA188UF Series
50 Amps
Centertap Ultra Fast
Rectifier Assembly
400 - 900 Volts
Features:
• Low Cost Modules
• Aerospace Quality
• Average Output from 50 Amps
• PIV from 400 to 900 Volts
• Low Reverse Leakage Current
• Anodized Aluminum Case
• Case Electrically Isolated
• Constructed of Hermetically Sealed Diode Cells
• -150 to +150oC Operating and Storage Temperature
• TX, TXV, and Space Level Screening Available.
Consult Factory.
2/
• Configurations: CT = Common Cathode
CA = Common Anode
D = Doubler
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and
DC Blocking Voltage
SDA188_D_UF
SDA188_E_UF
SDA188_F_UF
SDA188_G_UF
VRRM
VRWM
VR
400
600
800
900
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 55ºC)
Io
50
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25ºC)
IFSM
350
Amps
Operating & Storage Temperature
Top & Tstg
-55 to +150
ºC
Maximum Thermal Resistance
Junction to Case
RθJC
1.0
ºC/W
Notes:
1/ For ordering information, price, operating curves, and availability – contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.


Similar Part No. - SDA188AFCTUFS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA188A SSDI-SDA188A Datasheet
148Kb / 2P
50 AMPS 50 - 1000 VOLTS RECTIFIER ASSEMBLY
More results

Similar Description - SDA188AFCTUFS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA188A SSDI-SDA188A Datasheet
148Kb / 2P
50 AMPS 50 - 1000 VOLTS RECTIFIER ASSEMBLY
SFA40PME SSDI-SFA40PME Datasheet
411Kb / 2P
68 AMPS 400 - 600 VOLTS 40 nsec HYPER FAST PDSITIVE CENTERTAP RECTIFIER
SDR5807CT SSDI-SDR5807CT Datasheet
318Kb / 2P
12 AMPS 50 - 300 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER
SDR936M SSDI-SDR936M Datasheet
42Kb / 2P
30 AMPS 600 - 900 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR966CTN SSDI-SDR966CTN Datasheet
60Kb / 2P
60 AMP 600 - 900 Volts 80 nsec Ultra Fast Recovery Centertap Rectifier
SDR1004UF SSDI-SDR1004UF Datasheet
207Kb / 2P
100 AMPS ULTRA FAST RECOVERY RECTIFIER 400- 1000 VOLTS
SDR936CTM SSDI-SDR936CTM Datasheet
232Kb / 2P
30 AMP 600-900 VOLTS 80 nsec ULTRA FAST CENTERTAP RECTIFIER
SDR1004 SSDI-SDR1004 Datasheet
241Kb / 2P
100 amps ultra fast recovery rectifier 400-1000 volts
1N3879 SSDI-1N3879 Datasheet
201Kb / 2P
6 AMPS 50-400 VOLTS 120 nsec FAST RECOVERY RECTIFIER
SDR643CTS1 SSDI-SDR643CTS1_1 Datasheet
81Kb / 2P
Ultra Fast Centertap Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com