Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM0838LIN Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM0838LIN
Description  8-Bit ADCs with Serial Interface and Configurable Input Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM0838LIN Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM0838LIN Datasheet HTML 6Page - Wolfson Microelectronics plc WM0838LIN Datasheet HTML 7Page - Wolfson Microelectronics plc WM0838LIN Datasheet HTML 8Page - Wolfson Microelectronics plc WM0838LIN Datasheet HTML 9Page - Wolfson Microelectronics plc WM0838LIN Datasheet HTML 10Page - Wolfson Microelectronics plc WM0838LIN Datasheet HTML 11Page - Wolfson Microelectronics plc WM0838LIN Datasheet HTML 12Page - Wolfson Microelectronics plc WM0838LIN Datasheet HTML 13Page - Wolfson Microelectronics plc WM0838LIN Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Wolfson Microelectronics
10
WM0834, WM0838
Functional Description
Multiplexer Operation and Addressing
WM0834 and WM0838 use an input multiplexer scheme
thet provides multiple analogue channels, configurable for
single-ended or differential operation and also for WM0838,
a pseudo-differential mode that will perform an analogue to
digital (A/D) conversion of the voltage difference between
any analogue input and a common terminal (COM).
WM0834/8 uses a successive approximation routine to
perform A/D conversion that employs a sample data
comparator structure which always performs conversion on
a differential voltage. Conversion takes place on the
voltage difference between assigned "+" and "-" inputs and
the converter expects the "+" input to be the most positive. If
the "+" input is more negative than "-" then the converter
gives an all zeros output.
Assignment of inputs is made for a single-ended signal
between an "+" input and analogue ground (AGND) or COM
for WM0838, or for differential inputs between adjacent pairs
of inputs of either polarity.
The COM input of WM0838 acts as the "-" input for pseudo-
differential "+" inputs and can be an arbitrary voltage such
as an analogue common not at ground potential in single
supply applications.
Prior to the start of every conversion the input configuration
is assigned during the MUX addressing sequence achieved
by serially shifting data into the Data Input (DI) on the rising
edges of the clock input.
The MUX address selects which analogue inputs are
enabled, either single-ended, differential or pseudo-
differential (WM0838). For differential inputs the polarity of
the selected pairs of adjacent inputs are also assigned.
Differential inputs can only be assigned to adjacent channel
pairs.
The MUX addressing tables give full details of input
assignments.
Initiating Conversion and the Digital Interface
WM0834 and WM0838 are controlled from a processor via
a serial interface comprising Data In (DI) and Data Out (DO),
Chip Select (CS) and Clock (CLK) inputs and a SAR
Status (SARS) output.
A conversion is initiated by pulling the chip select (CS) line
low. CS must be kept low for an entire conversion.
The start bit and the MUX assignment bits on DI are
clocked in on the rising edges of the clock input, which
may be generated by the processor or run continuously.
WM0834 uses three MUX assignment bits and WM0838
uses four.
When the logic "1" start bit is clocked into the start
conversion location of the multiplexer input register, the
analogue MUX inputs are selected. After 1/2 a clock
period delay to allow for the selected MUX output to
settle, the conversion commences using the successive
approximation technique. At this time, the SARS output
goes high to indicate a conversion is in progress and the
DI input is disabled.
When conversion begins, the A/D conversion result from
the output of the SARS comparator appears at the DO
output on each falling edge of the clock (see Functional
Timing Diagrams).
With the successive approximation A/D conversion
routine, the analogue input is compared with the output of
a digital to analogue converter (DAC) for each bit by the
SARS comparator and a decision made on whether the
analogue input is higher or lower than the DAC output.
Successive bits, MSB to LSB are input to the DAC and
remain in its input if the analogue comparison decides the
analogue input is higher than the DAC output. If not, the
bit is removed from the DAC input. The output from the
SARS comparator forms the resulting input to the DAC
and the A/D conversion output, and is read by the
processor as conversion takes place in MSB to LSB
order. After 8 clock periods, the conversion is complete
and this is indicated by SARS being brought low a 1/2
clock period later.
All bits of the conversion are stored in an output shift
register after a conversion has completed and MSB first
data has been output.
For WM0838, the commencement of output data in a LSB
first format can be controlled by use of the SE input. If
the SE input is held high, the LSB output will remain on
the DO output. When SE is brought low, LSB first data
output will begin on DO. After 8-bits of LSB first data have
been output, the DO output goes low and remains low
until CS is brought high, when outputs (DO & SARS) go
into a high impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com